Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH285-Y Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH285-Y
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH285-Y Datasheet(HTML) 6 Page - Diodes Incorporated

  AH285-Y Datasheet HTML 1Page - Diodes Incorporated AH285-Y Datasheet HTML 2Page - Diodes Incorporated AH285-Y Datasheet HTML 3Page - Diodes Incorporated AH285-Y Datasheet HTML 4Page - Diodes Incorporated AH285-Y Datasheet HTML 5Page - Diodes Incorporated AH285-Y Datasheet HTML 6Page - Diodes Incorporated AH285-Y Datasheet HTML 7Page - Diodes Incorporated AH285-Y Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
6 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Performance Characteristics
(SOT89-5L)
TA (°C)
25
50
60
70
75
80
85
90
95
100
PD (mW)
800
640
576
512
480
448
416
384
352
320
TA (°C)
105
110
115
120
125
130
135
140
145
150
PD (mW)
288
256
224
192
160
128
96
64
32
0
P o we r Di s s i p a t i o n Cu r v e
0
100
200
300
400
500
600
700
800
900
0
2 5
5 0
7 5
100
125
150
T A (° C )
P D (m W )


Similar Part No. - AH285-Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH285-YG-13 DIODES-AH285-YG-13 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285-YL ANACHIP-AH285-YL Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH285-YLA ANACHIP-AH285-YLA Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
More results

Similar Description - AH285-Y

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com