Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3016-BS Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI3016-BS
Description  3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3016-BS Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI3016-BS Datasheet HTML 3Page - Silicon Laboratories SI3016-BS Datasheet HTML 4Page - Silicon Laboratories SI3016-BS Datasheet HTML 5Page - Silicon Laboratories SI3016-BS Datasheet HTML 6Page - Silicon Laboratories SI3016-BS Datasheet HTML 7Page - Silicon Laboratories SI3016-BS Datasheet HTML 8Page - Silicon Laboratories SI3016-BS Datasheet HTML 9Page - Silicon Laboratories SI3016-BS Datasheet HTML 10Page - Silicon Laboratories SI3016-BS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Si3016
Rev. 1.0
7
Caller ID Full Scale Level (0 dB gain)
VCID
MODE = 0
0.8
VPP
Caller ID Full Scale Level (ARX = 00)
VCID
MODE = 1
1.4
VPP
Gain Accuracy5,6
2-W to SDO, ATX and
ARX = 000, 001, or 010
–0.5
0
0.5
dB
Gain Accuracy5,6
2-W to SDO, ATX and
ARX = 011, 1xx
–1
0
1
dB
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–65 to 150
°C
Note: Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 6. Digital FIR Filter Characteristics—Transmit and Receive
(Sample Rate
= 8kHz, TA = 70 °C for K-Grade and –40 to 85 °C for B-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
Passband (0.1 dB)
F(0.1 dB)
0—
3.3
kHz
Passband (3 dB)
F(3 dB)
0—
3.6
kHz
Passband Ripple Peak-to-Peak
–0.1
0.1
dB
Stopband
4.4
kHz
Stopband Attenuation
–74
dB
Group Delay
tgd
12/Fs
sec
Note: Typical FIR filter characteristics for Fs
= 8000 Hz are shown in Figures 2, 3, 4, and 5.
Table 4. AC Characteristics (Continued)
(TA = 0 to 70 °C for K-Grade and –40 to 85 °C for B-Grade; see Figure 6 on page 9)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Measured at TIP and RING with 600
Ω termination at 1 kHz, as shown in Figure 1.
2. R2 should be changed to a 243
Ω resistor when the FULLSCALE bit (FULL) is set to 1 (Register 18, bit 7).
3. Receive full scale level will produce –0.9 dBFS at SDO.
4. DR
= 20 x log |Vin| + 20 x log (RMS signal/RMS noise).
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths.
6. Vin
= 1 kHz, –3 dBFS, Fs = 10300 Hz.
7. Vin
= 1 KHz, –6 dBFS, Fs = 10300 Hz.
8. THD
= 20 x log (RMS distortion/RMS signal).
9. The AOUT pin is an optional pin located on the integrated system-side module. VD refers to the digital power supply of
the integrated system-side module.


Similar Part No. - SI3016-BS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SI3016-KS TI-SI3016-KS Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
SI3016-KSR TI-SI3016-KSR Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results

Similar Description - SI3016-BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com