Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3016 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI3016
Description  3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3016 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI3016 Datasheet HTML 35Page - Silicon Laboratories SI3016 Datasheet HTML 36Page - Silicon Laboratories SI3016 Datasheet HTML 37Page - Silicon Laboratories SI3016 Datasheet HTML 38Page - Silicon Laboratories SI3016 Datasheet HTML 39Page - Silicon Laboratories SI3016 Datasheet HTML 40Page - Silicon Laboratories SI3016 Datasheet HTML 41Page - Silicon Laboratories SI3016 Datasheet HTML 42Page - Silicon Laboratories SI3016 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Si3016
Rev. 1.0
39
3FLVM
Force Low Voltage DC Termination Mode.
0 = Normal gain.
1 = When the DCT[1:0] bits are set to 10b (FCC mode), setting this bit will force the Low Voltage
dc termination mode while allowing for a transmit level of –1 dBm. See "4.13. DTMF Dialing" on
page 19.
2MODE MODE Control.
This bit is used to enable the on-hook line monitor ADC and the line voltage monitor.
MODE
OH
ONHM
Line Function
SDO
LVCS[4:0]
0
0
0
on-hook
ring data
0
0
0
1
on-hook
line data using 11111 if a line
the higher
voltage
current line
exists, or
monitor
00000 if no
line voltage
exists
0
1
0
off-hook
line data
loop current
0
1
1
off-hook/Fast DCT mode line data
loop current
1
0
0
on-hook
ring data
line voltage
1
0
1
on-hook
line data using line voltage
the low current
line monitor
1
1
0
force on-hook
no data is
line voltage
transmitted on
SDO in this
mode
1
1
1
force on-hook
line data using line voltage
the low current
line monitor
Notes:
1. If RZ = 1, LVCS[4:0] = either 11111 or 00000 during a ring event. All ones are shown if a line voltage exists; all
zeroes are shown if no line voltage exists.
2. Force on-hook mode puts the Si3016 into an on-hook state without restarting the off-hook counter. This is used to
support Type II caller ID.
3. The MODE bit is in a different register than the OH and ONHM bits. The user should write the registers in a
sequence so as not to pass through an undesired state.
4. Fast DCT mode puts the Si3016 into an off-hook state that is intended to quickly settle the line voltage just after
going off-hook. While in this mode, data transmission is not recommended. This is used to support Type II caller ID.
5. The ONHM bit should be cleared before setting the OH bit. If both bits need to be set, the OH bit should be set
first, and then the ONHM bit should be set in a separate register access.
1RFWE Ring Detector Full Wave Rectifier Enable.
When set, the ring detection circuitry provides full-wave rectification. This will affect the RGDT pin
as well as the data stream presented on SDO during ring detection.
0 = Half Wave.
1 = Full Wave.
0SQLH Ring Detect Network Squelch.
This bit must be set, then cleared after at least 1 ms, following a polarity reversal or ring signal
detection. It is used to quickly recover the offset on the RNG1/2 pins after a polarity reversal or
ring signal. If the SQL2 bit is enabled during CID data reception, this bit should not be used.
0 = Normal operation.
1 = Squelch function is enabled.
Bit
Name
Function


Similar Part No. - SI3016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Texas Instruments
SI3016-KS TI-SI3016-KS Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
SI3016-KSR TI-SI3016-KSR Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results

Similar Description - SI3016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com