Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3016 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI3016
Description  3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3016 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI3016 Datasheet HTML 2Page - Silicon Laboratories SI3016 Datasheet HTML 3Page - Silicon Laboratories SI3016 Datasheet HTML 4Page - Silicon Laboratories SI3016 Datasheet HTML 5Page - Silicon Laboratories SI3016 Datasheet HTML 6Page - Silicon Laboratories SI3016 Datasheet HTML 7Page - Silicon Laboratories SI3016 Datasheet HTML 8Page - Silicon Laboratories SI3016 Datasheet HTML 9Page - Silicon Laboratories SI3016 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Si3016
6
Rev. 1.0
Table 3. DC Characteristics
(TA = 0 to 70 °C for K-Grade and –40 to 85 °C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Leakage Current
IL
–10
10
µA
Power Supply Current, Analog*
IA
—0.3
mA
*Note: This current is required from the integrated system-side interface to communicate with the Si3016 through the isolation
interface.
Table 4. AC Characteristics
(TA = 0 to 70 °C for K-Grade and –40 to 85 °C for B-Grade; see Figure 6 on page 9)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
Fs = FPLL2/5120
7.2
11.025
KHz
Transmit Frequency Response
Low –3 dBFS Corner
0
Hz
Receive Frequency Response
Low –3 dBFS Corner
5
Hz
Transmit Full Scale Level1
VFS
FULL = 0 (–1 dBm)
1
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
VPEAK
Receive Full Scale Level1,3
VFS
FULL = 0 (–1 dBm)
1
VPEAK
FULL = 1 (+3.2 dBm)3
—1.58
VPEAK
Dynamic Range4,5,6
DR
ACT=0, DCT=10 (FCC)
IL=100 mA
—82
dB
Dynamic Range4,5,7
DR
ACT=0, DCT=01 (Japan)
IL=20 mA
—83
dB
Dynamic Range4,5,6
DR
ACT=1, DCT=11(CTR21)
IL=60 mA
—84
dB
Transmit Total Harmonic Distortion6,8
THD
ACT=0, DCT=10 (FCC)
IL=100 mA
—–85
dB
Transmit Total Harmonic Distortion7,8
THD
ACT=0, DCT=01 (Japan)
IL=20 mA
—–76
dB
Receive Total Harmonic Distortion7,8
THD
ACT=0, DCT=01 (Japan)
IL=20 mA
—–74
dB
Receive Total Harmonic Distortion6,8
THD
ACT=1, DCT=11 (CTR21)
IL=60 mA
—–82
dB
Dynamic Range (Caller ID mode)
DRCID
VIN=1kHz, –13dBm
60
dB
Notes:
1. Measured at TIP and RING with 600
Ω termination at 1 kHz, as shown in Figure 1.
2. R2 should be changed to a 243
Ω resistor when the FULLSCALE bit (FULL) is set to 1 (Register 18, bit 7).
3. Receive full scale level will produce –0.9 dBFS at SDO.
4. DR
= 20 x log |Vin| + 20 x log (RMS signal/RMS noise).
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths.
6. Vin
= 1 kHz, –3 dBFS, Fs = 10300 Hz.
7. Vin
= 1 KHz, –6 dBFS, Fs = 10300 Hz.
8. THD
= 20 x log (RMS distortion/RMS signal).
9. The AOUT pin is an optional pin located on the integrated system-side module. VD refers to the digital power supply of
the integrated system-side module.


Similar Part No. - SI3016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Texas Instruments
SI3016-KS TI-SI3016-KS Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
SI3016-KSR TI-SI3016-KSR Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results

Similar Description - SI3016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com