Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPM2750QFN Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part No. FPM2750QFN
Description  LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPM2750QFN Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

  FPM2750QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 7Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
Datasheet v2.5
FPM2750QFN
TYPICAL MEASURED PERFORMANCE ON EVALUATION BOARD: SINGLE ENDED OPERATION
Conditions: Vds = 3V, Ids = 40mA (per device), 50
Ω environment and TA = +22 °C unless stated
otherwise. All measurements shown are referenced to evaluation board connectors
.
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
2.00
1.95
1.90
1.85
1.80
1.75
1.70
Freq (GHz)
-16
-14
-12
-10
-8
-6
-4
-2
0
5.0
4.0
3.0
2.0
1.0
Freq (GHz)
-50
-40
-30
-20
-10
0
5.0
4.0
3.0
2.0
1.0
Freq (GHz)
30
25
20
15
10
5
0
-5
-10
5.0
4.0
3.0
2.0
1.0
Freq (GHz)
21
20
19
18
17
16
15
14
13
12
2.00
1.95
1.90
1.85
1.80
Freq (GHz)
32
31
30
29
28
27
26
25
24
2.00
1.95
1.90
1.85
1.80
Freq (GHz)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn