Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPM2750QFN Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part No. FPM2750QFN
Description  LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPM2750QFN Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPM2750QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 7Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Datasheet v2.5
FPM2750QFN
REFERENCE DESIGN 1850MHZ (SINGLE ENDED OPERATION):
Note: Evaluation board drawing available upon request.
BILL OF MATERIALS:
DESIGNATOR
SUPPLIER
PART NUMBER
DESCRIPTION
QUANTITY
C1, C2, C3, C4
RS Components
464-6587
CAP-20pF-0805-+/-5%-50V(MIN)-LOW_ESR
4
C5, C6, C7, C8, C9, C17
RS Components
464-6385
CAP-10pF-0603-5%-50V-COG
6
C10, C18, C19, C20
RS Components
264-4602
CAP-22nF-0603-10%-50V
4
C11, C12, C13, C14, C15,
C16
RS Components
464-6543
CAP-47nF-0603-+80/-20%-50V-Y5V
6
C25, C26, C27, C29
RS Components
406-0006
CAP-1uF-CASEB-20%-35V-TANT
4
L1, L2, L3, L4
RS Components
484-1372
IND-12nH-2012(0805)-5%-600mA-HQ
4
Q2
FILTRONIC
FPM2750QFN
Dual FPD750-QFN4x4
1
R1, R2
RS Components
213-2042
RESIST-22ohm-1608(0603)-1%-0.1W
2
RF1, RF2, RF3, RF4
RS Components
363-4707
SMA Side Mount RF Connector
4
(V1, V2)
RS Components
453-173
DC Connector (4 way)
2
Evaluation board
FILTRONIC
EBD12PA
31mil thick FR4
1/2 Ounce Cu on both sides
1
Note: Package Schematic


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn