Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1500DFN_ Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part No. FPD1500DFN_
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500DFN_ Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FPD1500DFN_ Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FPD1500DFN
Datasheet v2.1
ABSOLUTE MAXIMUM RATING
1:
Notes:
1T
Ambient = 22°C unless otherwise noted; exceeding any one of these absolute maximum ratings may cause
permanent damage to the device
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
4Total Power Dissipation defined as: P
TOT ≡ (PDC + PIN) – POUT,
where PDC: DC Bias Power, PIN: RF Input Power, POUT: RF Output Power
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 2.2 - (0.0167W/°C) x TPACK
where TPACK= source tab lead temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 65
°C carrier temperature: P
TOT = 2.2W – (0.0167 x (65 – 22)) = 1.48mW
5The use of a filled via-hole directly beneath the exposed heatsink tab on the bottom of the package is strongly
recommended to provide for adequate thermal management. Ideally the bottom of the circuit board is affixed to a
heatsink or thermal radiator
BIASING GUIDELINES:
Active bias circuits provide good performance stabilization over variations of operating
temperature, but require a larger number of components compared to self-bias or dual-biased.
Such circuits should include provisions to ensure that Gate bias is applied before Drain bias,
otherwise the pHEMT may be induced to self-oscillate
Dual-bias circuits are relatively simple to implement, but will require a regulated negative voltage
supply for depletion-mode devices.
For standard Class A operation, a 50% of IDSS bias point is recommended. A small amount of
RF gain expansion prior to the onset of compression is normal for this operating point. Note that
pHEMTs, since they are “quasi- E/D mode” devices, exhibit Class AB traits when operated at 50%
of IDSS. To achieve a larger separation between P1dB and IP3, an operating point in the 25% to
33% of IDSS range is suggested. Such Class AB operation will not degrade the IP3 performance.
PARAMETER
SYMBOL
TEST CONDITIONS
ABSOLUTE MAXIMUM
Drain-Source Voltage
VDS
-3V < VGS < +0V
8V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3V
Drain-Source Current
IDS
For VDS > 2V
IDss
Gate Current
IG
Forward or reverse current
15mA
RF Input Power
2
PIN
Under any acceptable bias state
350mW
Channel Operating Temperature
TCH
Under any acceptable bias state
175°C
Storage Temperature
TSTG
Non-Operating Storage
-40°C to 150°C
Total Power Dissipation
PTOT
See De-Rating Note below
2.2W
Gain Compression
Comp.
Under any bias conditions
5dB
Simultaneous Combination of Limits
3
2 or more Max. Limits
2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
SPF-2086TK Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation 1  2  3  4  5  SIRENZA MICRODEVICES
MMA701-SOT89 High Linearity Packaged HBT 1  2  3  4  5  More List of Unclassifed Manufacturers
AD8021_06 Low Noise High Speed Amplifier for 16-Bit Systems 1  2  3  4  5  More Analog Devices
AP2122 HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
SGA-8343 Low Noise High Gain SiGe HBT 1  2  3  4  SIRENZA MICRODEVICES
TPS718XX Dual 200mA Output Low Noise High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package 1  2  3  4  5  More Texas Instruments
2SA2073 High voltage discharge High speed switching Low Noise −60V −3A 1  2  3  4  5  Rohm
AP2121_07 HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn