Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1500DFN_ Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part No. FPD1500DFN_
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD1500DFN_ Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
FPD1500DFN
Datasheet v2.1
FEATURES (1850MHZ):
27 dBm Output Power (P1dB)
18 dB Small-Signal Gain (SSG)
1.2 dB Noise Figure
42 dBm Output IP3
45% Power-Added Efficiency
RoHS compliant (Directive 2002/95/EC)
GENERAL DESCRIPTION:
The FPD1500DFN is a packaged depletion
mode AlGaAs/InGaAs pseudomorphic High
Electron
Mobility
Transistor
(pHEMT).
It
utilizes a 0.25 µm x 750 µm Schottky barrier
Gate,
defined
by
high-resolution
stepper-
based photolithography.
The recessed and
offset Gate structure minimizes parasitics to
optimize
performance,
with
an
epitaxial
structure designed for improved linearity over
a range of bias conditions and input power
levels.
PACKAGE:
TYPICAL APPLICATIONS:
Drivers or output stages in PCS/Cellular
base station transmitter amplifiers
High intercept-point LNAs
WLL and WLAN systems, and other types
of wireless infrastructure systems.
ELECTRICAL SPECIFICATIONS:
Note: TAMBIENT = 22°; RF specification measured at f = 1850 MHz using CW signal (except as noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
27
dBm
Small-Signal Gain
SSG
VDS = 5 V; IDS = 50% IDSS
18
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Noise Figure
NF
VDS = 5 V; IDS = 50% IDSS
1.2
dB
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 5V; IDS = 50% IDSS
Matched for optimal power
Matched for best IP3
40
42
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
375
465
550
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS
≅ +1 V
750
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
400
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
15
μA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 1.5 mA
0.7
0.9
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 1.5 mA
12
16
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 1.5 mA
12
16
V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn