Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1500DFN_ Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part No. FPD1500DFN_
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500DFN_ Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

Back Button FPD1500DFN_ Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
Datasheet v2.1
FPD1500DFN
NOISE PARAMETERS:
Bias 3V, 50%IDSS
Freq
Γopt
(GHz)
Mag
Angle
Rn/50
0.900
0.345
18.350
0.029
1.800
0.384
86.350
0.043
2.000
0.401
97.050
0.039
2.200
0.448
116.200
0.032
2.400
0.463
129.200
0.031
2.600
0.483
137.900
0.034
2.800
0.482
146.800
0.022
3.000
0.503
149.850
0.022
3.500
0.487
160.750
0.023
4.000
0.513
172.500
0.020
4.500
0.506
177.500
0.035
5.000
0.521
-172.250
0.027
5.500
0.563
-160.450
0.031
6.000
0.570
-153.650
0.041
Bias 5V, 25%IDSS
Freq
Γopt
(GHz)
Mag
Angle
Rn/50
0.900
0.367
27.250
0.030
1.800
0.416
75.400
0.046
2.000
0.445
80.800
0.042
2.200
0.454
103.150
0.035
2.400
0.450
125.500
0.034
2.600
0.502
129.550
0.028
2.800
0.467
135.950
0.023
3.000
0.475
142.050
0.023
3.500
0.478
151.550
0.024
4.000
0.495
163.200
0.020
4.500
0.490
168.500
0.034
5.000
0.497
179.700
0.024
5.500
0.544
-168.300
0.023
6.000
0.558
-161.200
0.028
Bias 5V, 50%IDSS
Freq
Γopt
(GHz)
Mag
Angle
Rn/50
0.900
0.181
73.550
0.038
1.800
0.283
91.250
0.051
2.000
0.346
100.550
0.047
2.200
0.400
119.700
0.038
2.400
0.426
131.450
0.036
2.600
0.450
136.800
0.039
2.800
0.445
148.400
0.028
3.000
0.485
156.550
0.026
3.500
0.470
163.800
0.029
4.000
0.492
175.300
0.026
4.500
0.500
-178.800
0.042
5.000
0.509
-169.350
0.036
5.500
0.554
-158.100
0.042
6.000
0.568
-150.900
0.054


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
SPF-2086TK Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation 1  2  3  4  5  SIRENZA MICRODEVICES
MMA701-SOT89 High Linearity Packaged HBT 1  2  3  4  5  More List of Unclassifed Manufacturers
AD8021_06 Low Noise High Speed Amplifier for 16-Bit Systems 1  2  3  4  5  More Analog Devices
AP2122 HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
SGA-8343 Low Noise High Gain SiGe HBT 1  2  3  4  SIRENZA MICRODEVICES
TPS718XX Dual 200mA Output Low Noise High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package 1  2  3  4  5  More Texas Instruments
2SA2073 High voltage discharge High speed switching Low Noise −60V −3A 1  2  3  4  5  Rohm
AP2121_07 HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn