Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1500DFN_ Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part No. FPD1500DFN_
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500DFN_ Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD1500DFN_ Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500DFN_ Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FPD1500DFN
Datasheet v2.1
TYPICAL TUNED RF PERFORMANCE:
0.4
1.4
2.4
3.4
4.4
5.4
6.4
7.4
8.4
9.4
10.4 11.4 12
Frequency (GHz)
FPD1500DFN Biased @ VD = 5V ID = 50%IDSS
0
5
10
15
20
25
30
35
MSG
S21
0.51
1.52
2.53
3.54
4.55
5.56
Frequency (GHz)
FPD1500DFN Biased @ VD = 5V, ID = 50%IDSS
0
0.25
0.5
0.75
1
1.25
1.5
Biased @ 5V, 50%IDSS
Data taken on Eval Board at 1.85GHz
15.0
16.0
17.0
18.0
19.0
20.0
21.0
Temperature (C)
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
SSG
(dB)
P1dB (dBm)
Biased @ 5V, 33%IDSS
Data taken on Eval board @ 1.85GHz
0.40
0.70
1.00
1.30
1.60
1.90
Temperature (C)
N.F.
(dB)
BIAS RESPONSE:
Gain & P1dB vs Vd Taken @ IDS = 50% IDSS
12.0
13.0
14.0
15.0
16.0
17.0
18.0
Vd (V)
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
SSG
(dB)
P1dB (dBm)
Gain & P1dB vs % IDSS Taken @ VD = 5V
12.0
13.0
14.0
15.0
16.0
17.0
18.0
%IDSS
20.0
22.0
24.0
26.0
28.0
30.0
SSG (dB)
P1dB (dBm)
3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
SPF-2086TK Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation 1  2  3  4  5  SIRENZA MICRODEVICES
MMA701-SOT89 High Linearity Packaged HBT 1  2  3  4  5  More List of Unclassifed Manufacturers
AD8021_06 Low Noise High Speed Amplifier for 16-Bit Systems 1  2  3  4  5  More Analog Devices
AP2122 HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
SGA-8343 Low Noise High Gain SiGe HBT 1  2  3  4  SIRENZA MICRODEVICES
TPS718XX Dual 200mA Output Low Noise High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package 1  2  3  4  5  More Texas Instruments
2SA2073 High voltage discharge High speed switching Low Noise −60V −3A 1  2  3  4  5  Rohm
AP2121_07 HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn