Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1050SOT89 Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part No. FPD1050SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD1050SOT89 Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FPD200 TOM3 and TOM2 Models
24/01/2005
6
TOM2 Model Parameters
The TOM3 model evolved from the TOM3 model and hence share almost exactly the
same form for the calculation of the non-linear current. The TOM2 model only
employs a simple charge form and hence should only be used when TOM3
components are not available. Shown below are the extracted elements for the
FPD200 device:
VTO
-0.6471 V
VMAX
0.95 V
ALPHA
3.453
CGD
7.45E-5 pF
BETA
0.000682
CGS
0.002467 pF
GAMMA
0.0155
CDS
0.0002542 pF
DELTA
36.23
RIS
0.01
Q
0.9
RID
0.01
NG
2
VBR
17 V
ND
0
RDB
1.2E5
TAU
0.001
CBS
1500 pF
RG
0.01
LS
0 nH
RGSH
0
LG
0 nH
RD
0.01
LD
0 nH
RS
0.01
AFAC
200
IS
1E-11 mA
NFING
2
N
1
EG
0.8
VBI
1 V
XTI
2
VDELTA
0.2 V
Table 3 – TOM2 Model Parameters
Add these parameters to the TOM2 model placed within the external parasitics.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn