Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1050SOT89 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part No. FPD1050SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD1050SOT89 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FPD200 TOM3 and TOM2 Models
24/01/2005
5
TOM3 Model Parameters
The TOM3 model employs an excellent form for the charge relation within the p-
HEMT discrete. Shown below are the extracted parameters for the FPD200 device:
VTO
-0.6471 V
QGG0
1.227E-16
ALPHA
3.053
CDS
0.000234
BETA
0.000682
IS
1E-11 mA
LAMBDA
-0.02432
EG
0.8 V
GAMMA
0.03358
N
1
Q
0.9352
XTI
2
K
4.279
TAU
0.001 ns
VST
0.05677
VBI
1 V
MST
0.2041
TAU_GD
1000 ns
ILK
1.8E-6 mA KGAMMA
0.01194
PLK
1.5 V
RG
0.01
QGQH
7.349E-16 RGSH
0
QGSH
8.451E-16 RD
0.01
QGDH
2.073E-17 RS
0.01
QGIO
2.002E-6
LS
0 nH
QGQL
8.58E-16
LG
0 nH
QGAG
2.21
LD
0 nH
QGAD
2.241
NG
2
QGCL
7.715E-17 W
100
QGGB
144.55
Table 2 – TOM3 Model Parameters
Add these parameters to the TOM3 model placed within the external parasitics.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn