Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1050SOT89 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part No. FPD1050SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD1050SOT89 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FPD200 TOM3 and TOM2 Models
24/01/2005
3
TOM3 Model
The TOM3 model was extracted for the FPD200 discrete part is shown below:
External Parasitics
The following network shows the external parasitics present in the device model:
1
2
3
TOM3
ID= TOMparms
NG=10
TJ=24.85 DegC
W= 75
RES
ID= Rg
R=1.145 Ohm
RES
ID=Rd
R= 0.860 8 O hm
RES
ID=Rs
R= 0.748 1 Oh m
IND
ID= Id
L=0.055 nH
IND
ID=Is
L =0.0 3655 nH
IND
ID= Ig
L=0.155 n H
CAP
ID=CdsExt
C= 0.0001 56 pF
IND
ID= IsExt
L=0.0072 nH
IND
ID=Idext
L=0.2414 n H
IND
ID= Igext
L=0.1607 nH
CAP
ID=CgG round1
C= 0.051 24 pF
CAP
ID= CgGround2
C=0.02196 pF
CAP
ID= CdGround1
C=0.00822 pF
CAP
ID=CdG round2
C=0.0 0822 pF
PORT
P=1
Z=5 0 O hm
PORT
P=2
Z =50 Ohm
PO RT
P=3
Z=50 Ohm
TOM3/TOM2
Model
Rg
Rd
Rs
Is
Id
CdsExt
CdGround1
CdGround2
IdExt
IsExt
Ig
IgExt
CgGround2
CgGround1
1
2
3
TOM3
ID= TOMparms
NG=10
TJ=24.85 DegC
W= 75
RES
ID= Rg
R=1.145 Ohm
RES
ID=Rd
R= 0.860 8 O hm
RES
ID=Rs
R= 0.748 1 Oh m
IND
ID= Id
L=0.055 nH
IND
ID=Is
L =0.0 3655 nH
IND
ID= Ig
L=0.155 n H
CAP
ID=CdsExt
C= 0.0001 56 pF
IND
ID= IsExt
L=0.0072 nH
IND
ID=Idext
L=0.2414 n H
IND
ID= Igext
L=0.1607 nH
CAP
ID=CgG round1
C= 0.051 24 pF
CAP
ID= CgGround2
C=0.02196 pF
CAP
ID= CdGround1
C=0.00822 pF
CAP
ID=CdG round2
C=0.0 0822 pF
PORT
P=1
Z=5 0 O hm
PORT
P=2
Z =50 Ohm
PO RT
P=3
Z=50 Ohm
TOM3/TOM2
Model
1
2
3
TOM3
ID= TOMparms
NG=10
TJ=24.85 DegC
W= 75
RES
ID= Rg
R=1.145 Ohm
RES
ID=Rd
R= 0.860 8 O hm
RES
ID=Rs
R= 0.748 1 Oh m
IND
ID= Id
L=0.055 nH
IND
ID=Is
L =0.0 3655 nH
IND
ID= Ig
L=0.155 n H
CAP
ID=CdsExt
C= 0.0001 56 pF
IND
ID= IsExt
L=0.0072 nH
IND
ID=Idext
L=0.2414 n H
IND
ID= Igext
L=0.1607 nH
CAP
ID=CgG round1
C= 0.051 24 pF
CAP
ID= CgGround2
C=0.02196 pF
CAP
ID= CdGround1
C=0.00822 pF
CAP
ID=CdG round2
C=0.0 0822 pF
PORT
P=1
Z=5 0 O hm
PORT
P=2
Z =50 Ohm
PO RT
P=3
Z=50 Ohm
TOM3/TOM2
Model
1
2
3
TOM3
ID= TOMparms
NG=10
TJ=24.85 DegC
W= 75
RES
ID= Rg
R=1.145 Ohm
RES
ID=Rd
R= 0.860 8 O hm
RES
ID=Rs
R= 0.748 1 Oh m
IND
ID= Id
L=0.055 nH
IND
ID=Is
L =0.0 3655 nH
IND
ID= Ig
L=0.155 n H
CAP
ID=CdsExt
C= 0.0001 56 pF
IND
ID= IsExt
L=0.0072 nH
IND
ID=Idext
L=0.2414 n H
IND
ID= Igext
L=0.1607 nH
CAP
ID=CgG round1
C= 0.051 24 pF
CAP
ID= CgGround2
C=0.02196 pF
CAP
ID= CdGround1
C=0.00822 pF
CAP
ID=CdG round2
C=0.0 0822 pF
PORT
P=1
Z=5 0 O hm
PORT
P=2
Z =50 Ohm
PO RT
P=3
Z=50 Ohm
TOM3/TOM2
Model
Rg
Rd
Rs
Is
Id
CdsExt
CdGround1
CdGround2
IdExt
IsExt
Ig
IgExt
CgGround2
CgGround1
Figure 1 – Schematic of fitted model including external parasitics


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn