Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP82C54 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CP82C54
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C54 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CP82C54 Datasheet HTML 3Page - Intersil Corporation CP82C54 Datasheet HTML 4Page - Intersil Corporation CP82C54 Datasheet HTML 5Page - Intersil Corporation CP82C54 Datasheet HTML 6Page - Intersil Corporation CP82C54 Datasheet HTML 7Page - Intersil Corporation CP82C54 Datasheet HTML 8Page - Intersil Corporation CP82C54 Datasheet HTML 9Page - Intersil Corporation CP82C54 Datasheet HTML 10Page - Intersil Corporation CP82C54 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
82C54
The status register, shown in the figure, when latched,
contains the current contents of the Control Word Register
and status of the output and null count flag. (See detailed
explanation of the Read-Back command.)
The actual counter is labeled CE (for Counting Element). It is
a 16-bit presettable synchronous down counter.
OLM and OLL are two 8-bit latches. OL stands for “Output
Latch”; the subscripts M and L for “Most significant byte” and
“Least significant byte”, respectively. Both are normally referred
to as one unit and called just OL. These latches normally
“follow” the CE, but if a suitable Counter Latch Command is
sent to the 82C54, the latches “latch” the present count until
read by the CPU and then return to “following” the CE. One
latch at a time is enabled by the counter’s Control Logic to drive
the internal bus. This is how the 16-bit Counter communicates
over the 8-bit internal bus. Note that the CE itself cannot be
read; whenever you read the count, it is the OL that is being
read.
Similarly, there are two 8-bit registers called CRM and CRL (for
“Count Register”). Both are normally referred to as one unit and
called just CR. When a new count is written to the Counter, the
count is stored in the CR and later transferred to the CE. The
Control Logic allows one register at a time to be loaded from
the internal bus. Both bytes are transferred to the CE
simultaneously. CRM and CRL are cleared when the Counter is
programmed for one byte counts (either most significant byte
only or least significant byte only) the other byte will be zero.
Note that the CE cannot be written into; whenever a count is
written, it is written into the CR.
The Control Logic is also shown in the diagram. CLK n,
GATE n, and OUT n are all connected to the outside world
through the Control Logic.
82C54 System Interface
The 82C54 is treated by the system software as an array of
peripheral I/O ports; three are counters and the fourth is a
control register for MODE programming.
Basically, the select inputs A0, A1 connect to the A0, A1
address bus signals of the CPU. The CS can be derived
directly from the address bus using a linear select method or
it can be connected to the output of a decoder.
Operational Description
General
After power-up, the state of the 82C54 is undefined. The
Mode, count value, and output of all Counters are undefined.
How each Counter operates is determined when it is
programmed. Each Counter must be programmed before it
can be used. Unused counters need not be programmed.
Programming the 82C54
Counters are programmed by writing a Control Word and
then an initial count.
All Control Words are written into the Control Word Register,
which is selected when A1, A0 = 11. The Control Word
specifies which Counter is being programmed.
By contrast, initial counts are written into the Counters, not
the Control Word Register. The A1, A0 inputs are used to
select the Counter to be written into. The format of the initial
count is determined by the Control Word used.
Write Operations
The programming procedure for the 82C54 is very flexible.
Only two conventions need to be remembered:
1. For Each Counter, the Control Word must be written
before the initial count is written.
2. The initial count must follow the count format specified in the
Control Word (least significant byte only, most significant
byte only, or least significant byte and then most significant
byte).
INTERNAL BUS
CONTROL
LOGIC
CONTROL
WORD
REGISTER
STATUS
LATCH
STATUS
REGISTER
CLK n
GATE n
OUT n
OLM
OLL
CE
CRM
CRL
FIGURE 3. COUNTER INTERNAL BLOCK DIAGRAM
ADDRESS BUS (16)
CONTROL BUS
DATA BUS (8)
I/OR I/OW
WR
RD
CS
A0
A1
A1
A0
8
COUNTER
0
OUT GATE CLK
COUNTER
1
COUNTER
2
OUT GATE CLK
OUT GATE CLK
D0 - D7
82C54
FIGURE 4. COUNTER INTERNAL BLOCK DIAGRAM


Similar Part No. - CP82C54

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP82C54 INTERSIL-CP82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
CP82C54-10 INTERSIL-CP82C54-10 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
CP82C54-12 INTERSIL-CP82C54-12 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Similar Description - CP82C54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com