Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMA3007 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMA3007
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3007 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA3007 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
2
Preliminary Datasheet v2.1
FMA3007
ABSOLUTE MAXIMUM RATINGS:
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PAD LAYOUT:
Note: Co-ordinates are referenced from the bottom
left hand corner of the die to the centre of bond pad
opening
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input Power
Pin (Table cell)
+25dBm
Gate Voltage
VG1
-2V
Drain Voltage
VDD
+10V
Total Power
Dissipation
Ptot
tbd
Gain Compression
Comp
tbd
Thermal Resistivity
θJC
0.66°C/W
Operating Temp
Toper
-40°C to +85°C
Storage Temp
Tstor
-55°C to +150°C
PAD
REF
PAD
NAME
DESCRIPTION
PIN
COORDINATES
(µm)
A
RF in
RF in
(140, 1153)
B
VDP
(+Ve) Temperature
Monitoring Diode
(2097, 140)
C
VDN
(-Ve) Temperature
Monitoring Diode
(2321, 140)
D
GND
Ground
(2545, 140)
E
VG1
Gate Control
(2769, 140)
F
VG2
Gain Control
(2993, 140)
G
RF Out
RF Out
(3004, 1141)
H
VDD
Drain Voltage
(2540, 1650)
I
GND
Ground
(2792, 1650)
I
H
A
G
F
C
E
D
B
DIE SIZE (
µm)
DIE THICKNESS (
µm)
MIN. BOND PAD PITCH
(
µm)
MIN. BOND PAD OPENING
(
µm x µm )
3150 x 1780
100
220
120 x 120
Website: www.filtronic.com


Similar Part No. - FMA3007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com