Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ID82C37A-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ID82C37A-5
Description  CMOS High Performance Programmable DMA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ID82C37A-5 Datasheet(HTML) 1 Page - Intersil Corporation

  ID82C37A-5 Datasheet HTML 1Page - Intersil Corporation ID82C37A-5 Datasheet HTML 2Page - Intersil Corporation ID82C37A-5 Datasheet HTML 3Page - Intersil Corporation ID82C37A-5 Datasheet HTML 4Page - Intersil Corporation ID82C37A-5 Datasheet HTML 5Page - Intersil Corporation ID82C37A-5 Datasheet HTML 6Page - Intersil Corporation ID82C37A-5 Datasheet HTML 7Page - Intersil Corporation ID82C37A-5 Datasheet HTML 8Page - Intersil Corporation ID82C37A-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
82C37A
CMOS High Performance
Programmable DMA Controller
The 82C37A is an enhanced version of the industry standard
8237A Direct Memory Access (DMA) controller, fabricated
using Intersil’s advanced 2 micron CMOS process. Pin
compatible with NMOS designs, the 82C37A offers
increased functionality, improved performance, and
dramatically reduced power consumption. The fully static
design permits gated clock operation for even further
reduction of power.
The 82C37A controller can improve system performance by
allowing external devices to transfer data directly to or from
system memory. Memory-to-memory transfer capability is
also provided, along with a memory block initialization
feature. DMA requests may be generated by either hardware
or software, and each channel is independently
programmable with a variety of features for flexible
operation.
The 82C37A is designed to be used with an external
address latch, such as the 82C82, to demultiplex the most
significant 8-bits of address. The 82C37A can be used with
industry standard microprocessors such as 80C286, 80286,
80C86, 80C88, 8086, 8088, 8085, Z80, NSC800, 80186 and
others. Multimode programmability allows the user to select
from three basic types of DMA services, and reconfiguration
under program control is possible even with the clock to the
controller stopped. Each channel has a full 64K address and
word count range, and may be programmed to autoinitialize
these registers following DMA termination (end of process).
Features
• Compatible with the NMOS 8237A
• Four Independent Maskable Channels with
Autoinitialization Capability
• Cascadable to any Number of Channels
• High Speed Data Transfers:
- Up to 4MBytes/sec with 8MHz Clock
- Up to 6.25MBytes/sec with 12.5MHz Clock
• Memory-to-Memory Transfers
• Static CMOS Design Permits Low Power Operation
- ICCSB = 10
µA Maximum
- ICCOP = 2mA/MHz Maximum
• Fully TTL/CMOS Compatible
• Internal Registers may be Read from Software
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NUMBER
PACKAGE
TEMP
RANGE
(°C)
PKG.
DWG. #
5MHz
PART
MARKING
8MHz
PART
MARKING
12.5MHz
PART
MARKING
CP82C37A-5
CP82C37A-5 CP82C37A
CP82C37A-12
40 Ld PDIP
0 to +70
E40.6
IP82C37A-5
IP82C37A
IP82C37A-12
-40 to +85 E40.6
CS82C37A-5
CS82C37A*
CS82C37A
CS82C37A-1296
CS82C37A-12 44 Ld PLCC
0 to +70
N44.65
CS82C37AZ (Note) CS82C37AZ
44 Ld PLCC
(Pb-Free)
0 to +70
N44.65
IS82C37A-5
IS82C37A
IS82C37A-12
44 Ld PLCC
-40 to +85 N44.65
CD82C37A-5
CD82C37A
CD82C37A-12
40 Ld CERDIP
0 to +70
F40.6
ID82C37A-5
ID82C37A
ID82C37A-12
-40 to +85 F40.6
MD82C37A-5/B
MD82C37A/B
MD82C37A/B MD82C37A-12/B
-55 to +125 F40.6
5962-9054301MQA
5962-
9054302MQA
5962-
9054303MQA
SMD#
F40.6
MR82C37A-5/B
MR82C37A/B
MR82C37A-12/B
44 Pad CLCC -55 to +125 J44.A
5962-9054301MXA
5962-9054302MXA
5962-9054303MXA
SMD#
J44.A
*Add "96" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS
compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
FN2967.2
March 20, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1997, 2002, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ID82C37A-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ID82C37A-5 INTERSIL-ID82C37A-5 Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
ID82C37A-5 HARRIS-ID82C37A-5 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
More results

Similar Description - ID82C37A-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com