Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82C84A Datasheet(PDF) 3 Page - Intersil Corporation

Part # 82C84A
Description  CMOS Clock Generator Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C84A Datasheet(HTML) 3 Page - Intersil Corporation

  82C84A_05 Datasheet HTML 1Page - Intersil Corporation 82C84A_05 Datasheet HTML 2Page - Intersil Corporation 82C84A_05 Datasheet HTML 3Page - Intersil Corporation 82C84A_05 Datasheet HTML 4Page - Intersil Corporation 82C84A_05 Datasheet HTML 5Page - Intersil Corporation 82C84A_05 Datasheet HTML 6Page - Intersil Corporation 82C84A_05 Datasheet HTML 7Page - Intersil Corporation 82C84A_05 Datasheet HTML 8Page - Intersil Corporation 82C84A_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN2974.3
December 6, 2005
Pin Description
SYMBOL
NUMBER
TYPE
DESCRIPTION
AEN1,
AEN2
3, 7
I
ADDRESS ENABLE: AEN is an active LOW signal. AEN serves to qualify its respective Bus Ready
Signal (RDY1 or RDY2). AEN1 validates RDY1 while AEN2 validates RDY2. Two AEN signal inputs are
useful in system configurations which permit the processor to access two Multi-Master System Busses.
In non-Multi-Master configurations, the AEN signal inputs are tied true (LOW).
RDY1,
RDY2
4, 6
I
BUS READY (Transfer Complete). RDY is an active HIGH signal which is an indication from a device
located on the system data bus that data has been received, or is available RDY1 is qualified by AEN1
while RDY2 is qualified by AEN2.
ASYNC
15
I
READY SYNCHRONIZATION SELECT: ASYNC is an input which defines the synchronization mode of
the READY logic. When ASYNC is low, two stages of READY synchronization are provided. When
ASYNC is left open or HIGH, a single stage of READY synchronization is provided.
READY
5
O
READY: READY is an active HIGH signal which is the synchronized RDY signal input. READY is
cleared after the guaranteed hold time to the processor has been met.
X1, X2
17, 16
I O
CRYSTAL IN: X1 and X2 are the pins to which a crystal is attached. The crystal frequency is 3 times
the desired processor clock frequency, (Note 1).
F/C
13
I
FREQUENCY/CRYSTAL SELECT: F/C is a strapping option. When strapped LOW. F/C permits the
processor’s clock to be generated by the crystal. When F/C is strapped HIGH, CLK is generated for the
EFI input, (Note 1).
EFI
14
I
EXTERNAL FREQUENCY IN: When F/C is strapped HIGH, CLK is generated from the input frequency
appearing on this pin. The input signal is a square wave 3 times the frequency of the desired CLK
output.
CLK
8
O
PROCESSOR CLOCK: CLK is the clock output used by the processor and all devices which directly
connect to the processor’s local bus. CLK has an output frequency which is 1/3 of the crystal or EFI
input frequency and a 1/3 duty cycle.
PCLK
2
O
PERIPHERAL CLOCK: PCLK is a peripheral clock signal whose output frequency is 1/2 that of CLK
and has a 50% duty cycle.
OSC
12
O
OSCILLATOR OUTPUT: OSC is the output of the internal oscillator circuitry. Its frequency is equal to
that of the crystal.
RES
11
I
RESET IN: RES is an active LOW signal which is used to generate RESET. The 82C84A provides a
Schmitt trigger input so that an RC connection can be used to establish the power-up reset of proper
duration.
RESET
10
O
RESET: RESET is an active HIGH signal which is used to reset the 80C86 family processors. Its timing
characteristics are determined by RES.
CSYNC
1
I
CLOCK SYNCHRONIZATION: CSYNC is an active HIGH signal which allows multiple 82C84As to be
synchronized to provide clocks that are in phase. When CSYNC is HIGH the internal counters are reset.
When CSYNC goes LOW the internal counters are allowed to resume counting. CSYNC needs to be
externally synchronized to EFI. When using the internal oscillator CSYNC should be hardwired to
ground.
GND
9
Ground
VCC
18
VCC: The +5V power supply pin. A 0.1µF capacitor between VCC and GND is recommended for
decoupling.
NOTE:
1. If the crystal inputs are not used X1 must be tied to VCC or GND and X2 should be left open.
82C84A
82C84A


Similar Part No. - 82C84A_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
More results

Similar Description - 82C84A_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
   CMOS CLOCK GENERATOR & DRIVER
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
   CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
   Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
   CLOCK GENERATOR AND DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com