Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS82C50A-596 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CS82C50A-596
Description  CMOS Asynchronous
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C50A-596 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CS82C50A-596 Datasheet HTML 3Page - Intersil Corporation CS82C50A-596 Datasheet HTML 4Page - Intersil Corporation CS82C50A-596 Datasheet HTML 5Page - Intersil Corporation CS82C50A-596 Datasheet HTML 6Page - Intersil Corporation CS82C50A-596 Datasheet HTML 7Page - Intersil Corporation CS82C50A-596 Datasheet HTML 8Page - Intersil Corporation CS82C50A-596 Datasheet HTML 9Page - Intersil Corporation CS82C50A-596 Datasheet HTML 10Page - Intersil Corporation CS82C50A-596 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
FN2958.5
August 24, 2006
82C50A
Accessible Registers
The three types of internal registers in the 82C50A used in
the operation of the device are control, status, and data
registers. The control registers are the Bit Rate Select
Register DLL and DLM, Line Control Register, Interrupt
Enable Register and the Modem Control registers, while the
status registers are the Line Status Registers and the
Modem Status Register. The data registers are the Receiver
Buffer Register and Transmitter Holding Register. The
Address, Read, and Write inputs are used in conjunction
with the Divisor Latch Access Bit in the Line Control Register
(LCR(7)) to select the register to be written or read (see
Table 1.). Individual bits within these registers are referred to
by the register mnemonic and the bit number in parenthesis.
An example, LCR(7) refers to Line Control Register Bit 7.
The Transmitter Buffer Register and Receiver Buffer
Register are data registers holding from 5-8 data bits. If less
than eight data bits are transmitted, data is right justified to
the LSB. Bit 0 of a data word is always the first serial data bit
received and transmitted. The 82C50A data registers are
double buffered so that read and write operations can be
performed at the same time the UART is performing the
parallel to serial and serial to parallel conversion. This
provides the microprocessor with increased flexibility in its
read and write timing.
TABLE 1. ACCESSING 82C50A INTERNAL REGISTERS
DLAB
A2
A1
A0
MNEMONIC
REGISTER
0
0
0
0
RBR
Receiver Buffer
Register (read only)
0
0
0
0
THR
Transmitter Holding
Register (write only)
0
0
0
1
lER
Interrupt Enable
Register
X
0
1
0
IIR
Interrupt Identification
Register
(read only)
X
0
1
1
LCR
Line Control Register
X
1
0
0
MCR
Modem Control
Register
X
1
0
1
LSR
Line Status Register
X
1
1
0
MSR
Modem Status
Register
X
1
1
1
SCR
Scratch Register
1
0
0
0
DLL
Divisor Latch (LSB)
1
0
0
1
DLM
Divisor Latch (MSB)
NOTE:
X = “Don’t Care”, 0 = Logic Low, 1 = Logic High
Line Control Register (LCR)
LCR
7
LCR
6
LCR
5
LCR
4
LCR
3
LCR
2
LCR
1
LCR
0
Word
Length
Select
00 = 5 Data Bits
01 = 6 Data Bits
10 = 7 Data Bits
11 = 8 Data Bits
Stop
Bit
Select
0 = 1 Stop Bit
1 = 1.5 Stop Bits if 5 Data Bit Word Length is Selected 2 Stop Bits if 6,
7, or 8 Data Bit Word Length is Selected
Parity
Enable
0 = Parity Disabled
1 = Parity Enabled (Generated & Checked)
Even Parity
Select
0 = Odd Parity When Parity is Enabled
1 = Even Parity When Parity is Enabled
Stick Parity
0 = Stick Parity Disabled
1 = When Parity is Enabled Forces the Transmission and Checking of
a Parity Bit of a Known State. Parity Bit Forced to a Logic 1 if LCR
(4) = 0 or to a Logic 0 If LCR (4) = 1.
Break
Control
0 = Break Disabled
1 = Break Enabled. The Serial Output (SOUT) is Forced to the Spacing
(Logic 0) State.
Divisor Latch
Access Bit
0 = Must be Low to Access the Receiver Buffer. Transmitter Holding
Register or the Interrupt Enable Register.
1 = Must be High to Access the Divisor Latches DLL and DLM of the
Baud Rate Generator During a Read or Write Operation.


Similar Part No. - CS82C50A-596

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C50A-5 INTERSIL-CS82C50A-5 Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
Renesas Technology Corp
CS82C50A-5Z RENESAS-CS82C50A-5Z Datasheet
985Kb / 25P
   CMOS Asynchronous
CS82C50A-5Z96 RENESAS-CS82C50A-5Z96 Datasheet
985Kb / 25P
   CMOS Asynchronous
More results

Similar Description - CS82C50A-596

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C50A RENESAS-82C50A Datasheet
985Kb / 25P
   CMOS Asynchronous
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com