Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP80C86-2 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CP80C86-2
Description  CMOS 16-Bit Microprocessor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP80C86-2 Datasheet(HTML) 1 Page - Intersil Corporation

  CP80C86-2 Datasheet HTML 1Page - Intersil Corporation CP80C86-2 Datasheet HTML 2Page - Intersil Corporation CP80C86-2 Datasheet HTML 3Page - Intersil Corporation CP80C86-2 Datasheet HTML 4Page - Intersil Corporation CP80C86-2 Datasheet HTML 5Page - Intersil Corporation CP80C86-2 Datasheet HTML 6Page - Intersil Corporation CP80C86-2 Datasheet HTML 7Page - Intersil Corporation CP80C86-2 Datasheet HTML 8Page - Intersil Corporation CP80C86-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
141
TM
80C86
CMOS 16-Bit Microprocessor
Features
• Compatible with NMOS 8086
• Completely Static CMOS Design
- DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8MHz (80C86-2)
• Low Power Operation
- lCCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500
μA Max
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 10mA/MHz Typ
• 1MByte of Direct Memory Addressing Capability
• 24 Operand Addressing Modes
• Bit, Byte, Word and Block Move Operations
• 8-Bit and 16-Bit Signed/Unsigned Arithmetic
- Binary, or Decimal
- Multiply and Divide
• Wide Operating Temperature Range
- C80C86 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- M80C86 . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Description
The Intersil 80C86 high performance 16-bit CMOS CPU is
manufactured using a self-aligned silicon gate CMOS pro-
cess (Scaled SAJI IV). Two modes of operation, minimum for
small systems and maximum for larger applications such as
multiprocessing, allow user configuration to achieve the
highest performance level. Full TTL compatibility (with the
exception of CLOCK) and industry standard operation allow
use of existing NMOS 8086 hardware and software designs.
Ordering Information
PACKAGE
TEMP.
RANGE
(°C)
8MHz
PART
MARKING
PKG.
NO.
PDIP
0 to +70
CP80C86-2
CP80C86-2
E40.6
0 to +70
CP80C86-2Z
CP80C86-2Z
E40.6
CERDIP
-55 to +125
MD80C86-2/B
MD80C86-2/B
F40.6
SMD#
-55 to +125
8405202QA
8405202QA
F40.6
Pinouts
80C86 (DIP)
TOP VIEW
80C86 (PLCC, CLCC)
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
GND
AD14
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
NMI
INTR
CLK
GND
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
VCC
AD15
A16/S3
A17/S4
A18/S5
A19/S6
BHE/S7
MN/MX
RD
RQ/GT0
RQ/GT1
LOCK
S2
S1
S0
QS0
QS1
TEST
READY
RESET
(INTA)
(ALE)
(DEN)
(DT/R))
(M/IO)
(WR)
(HLDA)
(HOLD)
MAX
(MIN)
14
13
12
11
10
9
8
7
17
16
15
2
5
30
35
39
38
37
36
33
34
32
31
29
4
6
3
1
40
41
42
43
44
28
27
26
25
24
23
22
21
20
19
18
A19/S6
BHE/S7
MN/MX
RD
HOLD
HLDA
WR
M/IO
DT/R
DEN
NC
NC
A19/S6
BHE/S7
MN/MX
RD
RQ/GT0
RQ/GT1
LOCK
S2
S1
S0
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
AD10
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
MAX MODE
80C86
MIN MODE
80C86
MAX MODE
80C86
MIN MODE
80C86
August 22, 2006
FN2957.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - CP80C86-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP80C86-2 INTERSIL-CP80C86-2 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
CP80C86-2 INTERSIL-CP80C86-2 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
CP80C86-2Z INTERSIL-CP80C86-2Z Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
logo
Renesas Technology Corp
CP80C86-2Z RENESAS-CP80C86-2Z Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
More results

Similar Description - CP80C86-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
   CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
   CMOS 8/16-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
   CMOS 8-/16-Bit Microprocessor
logo
Intersil Corporation
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com