Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C88 Datasheet(PDF) 4 Page - Intersil Corporation

Part # 80C88
Description  CMOS 8/16-Bit Microprocessor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C88 Datasheet(HTML) 4 Page - Intersil Corporation

  80C88 Datasheet HTML 1Page - Intersil Corporation 80C88 Datasheet HTML 2Page - Intersil Corporation 80C88 Datasheet HTML 3Page - Intersil Corporation 80C88 Datasheet HTML 4Page - Intersil Corporation 80C88 Datasheet HTML 5Page - Intersil Corporation 80C88 Datasheet HTML 6Page - Intersil Corporation 80C88 Datasheet HTML 7Page - Intersil Corporation 80C88 Datasheet HTML 8Page - Intersil Corporation 80C88 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Pin Description
The following pin function descriptions are for 80C88 systems in either minimum or maximum mode. The “local bus” in these
descriptions is the direct multiplexed bus interface connection to the 80C88 (without regard to additional bus buffers).
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
AD7-AD0
9-16
I/O
ADDRESS DATA BUS: These lines constitute the time multiplexed memory/IO address (T1) and
data (T2,T3,Tw and T4) bus. These lines are active HIGH and are held at high impedance to the last
valid level during interrupt acknowledge and local bus “hold acknowledge” or “grant sequence”
A15-A8
2-8, 39
O
ADDRESS BUS: These lines provide address bits 8 through 15 for the entire bus cycle (T1-T4).
These lines do not have to be latched by ALE to remain valid. A15-A8 are active HIGH and are held
at high impedance to the last valid logic level during interrupt acknowledge and local bus “hold
acknowledge” or “grant sequence”.
A19/S6,
A18/S5,
A17/S4,
A16/S3
35
36
37
38
O
O
O
O
ADDRESS/STATUS: During T1, these are the four most
significant address lines for memory operations. During I/O
operations, these lines are LOW. During memory and I/O
operations, status information is available on these lines
during T2, T3, TW and T4. S6 is always LOW. The status
of the interrupt enable flag bit (S5) is updated at the begin-
ning of each clock cycle. S4 and S3 are encoded as
shown.
This information indicates which segment register is
presently being used for data accessing.
These lines are held at high impedance to the last valid
logic level during local bus “hold acknowledge” or “grant
Sequence”.
RD
32
O
READ: Read strobe indicates that the processor is performing a memory or I/O read cycle, depend-
ing on the state of the IO/M pin or S2. This signal is used to read devices which reside on the 80C88
local bus. RD is active LOW during T2, T3, Tw of any read cycle, and is guaranteed to remain HIGH
in T2 until the 80C88 local bus has floated.
This line is held at a high impedance logic one state during “hold acknowledge” or “grant sequence”.
READY
22
I
READY: is the acknowledgment from the address memory or I/O device that it will complete the data
transfer. The RDY signal from memory or I/O is synchronized by the 82C84A clock generator to from
READY. This signal is active HIGH. The 80C88 READY input is not synchronized. Correct operation
is not guaranteed if the set up and hold times are not met.
INTR
18
I
INTERRUPT REQUEST: is a level triggered input which is sampled during the last clock cycle of
each instruction to determine if the processor should enter into an interrupt acknowledge operation.
A subroutine is vectored to via an interrupt vector lookup table located in system memory. It can be
internally masked by software resetting the interrupt enable bit. INTR is internally synchronized. This
signal is active HIGH.
TEST
23
I
TEST: input is examined by the “wait for test” instruction. If the TEST input is LOW, execution con-
tinues, otherwise the processor waits in an “idle” state. This input is synchronized internally during
each clock cycle on the leading edge of CLK.
NMI
17
I
NONMASKABLE INTERRUPT: is an edge triggered input which causes a type 2 interrupt. A sub-
routine is vectored to via an interrupt vector lookup table located in system memory. NMI is not
maskable internally by software. A transition from a LOW to HIGH initiates the interrupt at the end
of the current instruction. This input is internally synchronized.
RESET
21
I
RESET: cases the processor to immediately terminate its present activity. The signal must transition
LOW to HIGH and remain active HIGH for at least four clock cycles. It restarts execution, as de-
scribed in the instruction set description, when RESET returns LOW. RESET is internally synchro-
nized.
CLK
19
I
CLOCK: provides the basic timing for the processor and bus controller. It is asymmetric with a 33%
duty cycle to provide optimized internal timing.
VCC
40
VCC: is the +5V power supply pin. A 0.1µF capacitor between pins 20 and 40 recommended for de-
coupling.
GND
1, 20
GND: are the ground pins (both pins must be connected to system ground). A 0.1
µF capacitor be-
tween pins 1 and 20 is recommended for decoupling.
MN/MX
33‘
I
MINIMUM/MAXIMUM: indicates the mode in which the processor is to operate. The two modes are
discussed in the following sections.
S4
S3
CHARACTERISTICS
0
0
Alternate Data
01
Stack
1
0
Code or None
11
Data
80C88


Similar Part No. - 80C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
   CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
   CMOS 8-/16-Bit Microprocessor
logo
Intersil Corporation
80C883 INTERSIL-80C883 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
More results

Similar Description - 80C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
   CMOS 8/16-Bit Microprocessor
March 1997
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
   CMOS 8-/16-Bit Microprocessor
logo
Intersil Corporation
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
logo
OKI electronic componet...
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
   8-Bit CMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com