Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVG-2066 Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # SVG-2066
Description  500MHz - 2200MHz 6-Bit Variable Gain Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SVG-2066 Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SVG-2066 Datasheet HTML 1Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 2Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 3Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 4Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 5Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 6Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 7Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 8Page - SIRENZA MICRODEVICES SVG-2066 Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
4
EDS-104432 Rev 3
Advanced Information
SVG-2066 500MHz-2200MHz 6-Bit VGA
Pin Out Description
Pin #
Label
Description
2,3,20,26,28
N/C
These are unused pins and not wired inside the package. May be grounded or connected to adjacent pins.
1,7,8,10,16,
21,23,24,25,30
GND
Pins are internally grounded
4
RFIN
RF input pin. Connects to 100pF cap inside package.
5
J1
Jumper this pin on the PC board to the attenuator input (ATIN) pin #6. Connects to 100pF cap inside package.
6
ATIN
Attenuator input pin
9
P8
Parallel interface attenuation control bit 8 dB. When in serial mode P0.5, P1, P2, P4, P8 and P16 logic dictate power up state.
11
P4
Parallel interface attenuation control bit 4 dB. When in serial mode P0.5, P1, P2, P4, P8 and P16 logic dictate power up state.
12
P2
Parallel interface attenuation control bit 2 dB. When in serial mode P0.5, P1, P2, P4, P8 and P16 logic dictate power up state.
13
P1
Parallel interface attenuation control bit 1 dB. When in serial mode P0.5, P1, P2, P4, P8 and P16 logic dictate power up state.
14
P0.5
Parallel interface attenuation control bit 0.5dB. When in serial mode P0.5, P1, P2, P4, P8 and P16 logic dictate power up state.
15
P16
Parallel interface attenuation control bit 16dB. When in serial mode P0.5, P1, P2, P4, P8 and P16 logic dictate power up state.
17
ATOUT
Attenuator output pin.
18
J2
Jumper this pin to the attenuator output pin (ATOUT). Connects to 100pF cap inside package.
19
J3
Connect this pin to the amplifier input pin (AMPIN) with the appropriate AMPIN impedance matching
22
AMPIN
Amplifier input pin. Internally connected to base of amplifier (~1.3V)
27
RFOUT
Amplifier RF output pin. Internally connected to 5V. Not matched to 50 ohm. Use appropriate matching circuit.
29
VCC
Power Supply pin to Amplifier. Apply 5.0V to this pin.
31
Data
Serial interface data input.
32
CLK
Serial interface clock input.
33
LE
Latch enable input. Parallel mode can also be latch enabled with this pin.
34, 35
U1 / U2
Parallel mode power-up state logic bits. 0/0 = 0dB, 1/0 = 8dB, 0/1=16dB, 1/1=31dB
36
J5
Jumper this pin to GND on the PC board. Connects to 1000pF cap inside package.
37
J4
Jumper this pin on PC board to VDD pin 38. Connects to 1000pF bypass cap inside package.
38
VDD
Power supply pin to Digital Attenuator. Apply 2.7-3.3V to this pin. May be set from another voltage with a voltage divider (pulls 40uA typ, 100uA max)
39
S-P
Serial or parallel mode select. Logic low for parallel mode. Logic high for serial mode.
40
VSS
Negative supply voltage or GND
EPAD
GND
Exposed area on the bottom side of the package . GND with vias as shown in recommended landing pattern.
LE
CLK
DATA
J4
VCC
RFOUT
RFIN
1
11
31
J1
ATIN
GND
GND
GND
GND
P0.5
GND
P4
P8
P2
P1
P16
21
ATOUT
J2
J3
N C
AMPIN
GND
GND
N C
N C
GND
U1
U2
S-P
VSS
VDD
J5
GND
N C
N C
GND
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
22
23
24
25
26
27
28
29
30
32
33
34
35
36
37
38
39
40


Similar Part No. - SVG-2066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVG-2066 ETC1-SVG-2066 Datasheet
384Kb / 12P
   500MHz - 2200MHz 6-Bit Variable Gain Amp
SVG-2066Z ETC1-SVG-2066Z Datasheet
384Kb / 12P
   500MHz - 2200MHz 6-Bit Variable Gain Amp
More results

Similar Description - SVG-2066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVG-2066 ETC1-SVG-2066 Datasheet
384Kb / 12P
   500MHz - 2200MHz 6-Bit Variable Gain Amp
logo
RF Micro Devices
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
logo
Renesas Technology Corp
F1240 RENESAS-F1240 Datasheet
15Mb / 35P
   Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
logo
RF Micro Devices
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com