Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF-5000 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SUF-5000
Description  0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SUF-5000 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SUF-5000 Datasheet HTML 1Page - SIRENZA MICRODEVICES SUF-5000 Datasheet HTML 2Page - SIRENZA MICRODEVICES SUF-5000 Datasheet HTML 3Page - SIRENZA MICRODEVICES SUF-5000 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Broomfield, CO 80021
3
EDS-105419 Rev B
SUF-5000 0.1-3.7 GHz Cascadable MMIC Amplifier
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Test Conditions:
Typical Performance (GSG Probe Data)
ELECTROSTATIC SENSITIVE DEVICE
Appropriate precautions in handling, packaging
and testing devices must be observed.
Current Variation vs. Temperature
Current vs. Voltage
75
80
85
90
95
100
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
V
D
-20C
25C
85C
Freq
VD
Current
Gain
P1dB
OIP3
S11
S22
NF
(GHz)
(V)
(mA)
(dB)
(dBm)
(dBm)
(dB)
(dB)
(dB)
0.10
5
90
20.5
-20.5
-15.0
0.50
5
90
20.0
-21.0
-15.0
0.85
5
90
20.0
22.0
33.0
-20.5
-15.0
2.7
2.0
5
90
19.0
22.0
34.5
-19.0
-13.0
3.2
4.0
5
90
17.0
22.0
34.5
-15.0
-12.0
3.6
6.0
5
90
14.0
21.0
33.0
-13.0
-12.0
3.7
10.0
5
90
9.0
18.5
33.0
-12.5
-11.0
5.2
Test Conditions: GSG Probe Data With Bias Tees, OIP3 Tone Spacing = 1MHz, Pout per tone = 0 dBm, 25C
Parameter
Absolute Limit
Max Device Current (I
D)
100mA
Max Device Voltage (VD)
5.5V
Max RF Input Power
10dBm
Max Dissipated Power
550mW
Max Junction Temperature (TJ)
150C
Operating Temperature Range (T
L)
-40 to +85C
Max Storage Temp.
-65 to +150C
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation, the device
voltage and current must not exceed the maximum operating values
specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH, j-l
TL=Backside of die


Similar Part No. - SUF-5000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
   DC-20 GHz, Cascadable pHEMT MMIC Amplifier
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
SIRENZA MICRODEVICES
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
   0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
   0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SUF-4000 SIRENZA-SUF-4000 Datasheet
134Kb / 4P
   0.15-10 GHz, Cascadable pHEMT MMIC Amplifier
More results

Similar Description - SUF-5000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
   DC-20 GHz, Cascadable pHEMT MMIC Amplifier
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
   0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-4000 SIRENZA-SUF-4000 Datasheet
134Kb / 4P
   0.15-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
   0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SXE-1089Z SIRENZA-SXE-1089Z Datasheet
186Kb / 7P
   0.05-3 GHz, Cascadable pHEMT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC998_1108 HITTITE-HMC998_1108 Datasheet
637Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
logo
RF Micro Devices
SXE1089Z RFMD-SXE1089Z Datasheet
604Kb / 10P
   0.05GHz to 3GHz, CASCADABLE pHEMT MMIC AMPLIFIER
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
List of Unclassifed Man...
TC3339 ETC1-TC3339 Datasheet
255Kb / 4P
   2.9 - 3.7 GHz 1W MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com