Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STQ-2016-3 Datasheet(PDF) 14 Page - SIRENZA MICRODEVICES

Part # STQ-2016-3
Description  700-2500 MHz Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-2016-3 Datasheet(HTML) 14 Page - SIRENZA MICRODEVICES

Back Button STQ-2016-3 Datasheet HTML 8Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 9Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 10Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 11Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 12Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 13Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 14Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 15Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 16Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
14
EDS-104229 Rev B
STQ-2016-3 Direct Quadrature Modulator
700 – 1000 MHz Application Schematic
Bill of Materials (for 700 – 1000 MHz Evaluation Board P/N STQ-2016-3EVB-1)
Component
Designator
Value
Qty
Vendor
Part Number
Description
U1
1
SMDI
STQ-2016
SiGe Direct Quadrature Modulator
P8, P9, P10,
P11, P12, P13
6
Johnson
Components
142-0701-851
SMA connector, end launch with tab, for .062” thick board
H1, H2
2
AMP
640453-2
2-pin header, right angle
T3, T4
1:1
2
Panasonic
EHF-FD1618
RF transformer, 700-1300MHz
L1
1uH
1
Panasonic
ELJ-FA1R0KF2
Inductor, 1210 footprint, ±10% tolerance
R1, R7, R9, R10
200 ohm
4
Venkel
CR1206-8W-2000T
Resistor, 1206 footprint, ±1% tolerance
R8
1 kohm
1
Venkel
CR0603-16W-1001FT
Resistor, 0603 footprint, ±1% tolerance
C6, C18
33pF
2
Venkel
C0603COG500-330JNE
Capacitor, 0603 footprint, COG dielectric, ±5% tolerance
C9, C17
1nF
2
Venkel
C0603COG500-102JNE
Capacitor, 0603 footprint, COG dielectric, ±5% tolerance
C3
2.2uF
1
Venkel
C1206Y5V160-225ZNE
Capacitor, 1206 footprint, Y5V dielectric, 16V rating
C4, C5, C10,
C16
10pF
4
Venkel
C0603COG500-100JNE
Capacitor, 0603 footprint, COG dielectric, ±5% tolerance
SH1
1
3M
929950-00
Shunt for 2-pin header
STQ-2016
H2
R8
R9
R10
P12
P13
BBIP
BBIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BBQP
BBQN
R1
R7
P8
P9
VCC
VCC
C6
C9
C10
C1
6
C18
VCC
C17
C4
C5
VCC
1
8
4
5
T3
P10
LOin
P11
RFout
T4
1
4
8
5
VCC
VCC
H2
C3
L1
1
2
RFP
RFN
LOP
LON
SD
U1
VEE
VEE
VCC
VCC
VEE
VEE
VCC
1
2
SH1
Connect backside exposed
paddle to RF/DC ground.
BBIP
BBIN
BBQP
BBQN
Shut-down
2.0"
(50.8mm)
1
2
H1
H2
P8
P9
P1
0
P11
P12 P13
C3
L1
U1
R1
R9
R10
R7
R8
C9
C6
C18
C4
C5
C10
C16
C17
SH1
1
2
2.0"
(50.8mm)
T3
T4
BBQP
BBQN
BBIP
BBIN
Shutdown
GND
LO In
RF Out
VCC
Fully Assembled PCB
Note: Remove SH1 to enable modulated output.


Similar Part No. - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016-3Z ETC1-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results

Similar Description - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com