Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STQ-2016-3 Datasheet(PDF) 12 Page - SIRENZA MICRODEVICES

Part # STQ-2016-3
Description  700-2500 MHz Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-2016-3 Datasheet(HTML) 12 Page - SIRENZA MICRODEVICES

Back Button STQ-2016-3 Datasheet HTML 8Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 9Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 10Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 11Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 12Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 13Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 14Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 15Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 16Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
12
EDS-104229 Rev B
STQ-2016-3 Direct Quadrature Modulator
50
25
0
255075
100
80
78
76
74
72
70
I/Q Drive = 1.5 Vpp, Diff.
I/Q Drive = 1.7 Vpp, Diff.
I/Q Drive = 1.9 Vpp, Diff.
Temperature (Deg. C )
1.4
1.5
1.6
1.7
1.8
1.9
80
78
76
74
72
70
Temp = -40 De g. C
Temp = +25 De g. C
Temp = +85 De g. C
IQ Drive Level (Vpp, Diff.)
Figure 43. Second Alternate Channel Power Vs.
Temperature, LO Drive = +4.0 dBm @ 2140 MHz.
Figure 44. Second Alternate Channel Power Vs. I/Q Drive Level,
over Temperature Range, LO Drive = +4.0 dBm @ 2140 MHz.
16
15
14
13
12
11
10
0
2
4
6
8
10
12
14
Ch annel P ower (dB m)
Mean = -12.87
Std. Dev. = 0.43
75
70
65
60
55
0
2
4
6
8
10
Adjacent Ch ann el Po wer (dBc)
Mean = -66.33
Std. Dev. = 1.737
80
78
76
74
72
70
0
5
10
15
20
25
First Altern ate C han nel Power (dBc)
Mean = -74.6
Std. Dev. = 1.28
80
78
76
74
72
70
0
5
10
15
20
25
30
35
Secon d Alternate Ch ann el P ower (dB c)
Mean = -74.70
Std. Dev. = 1.23
Figure 45. Channel Power Distribution, 4 Production Lots,
120 Units. LO Drive = +4.0 dBm @ 2140 MHz. I/Q Drive
Level = 1.7 Vpp, Diff.
Figure 46. Adjacent Channel Power Distribution, 4 Production
Lots, 120 Units. LO Drive = +4.0 dBm @ 2140 MHz. I/Q Drive
Level = 1.7 Vpp, Diff.
Figure 47. First Alternate Channel Power Distribution,
4 Production Lots, 120 Units. LO Drive = +4.0 dBm @
2140 MHz. I/Q Drive Level = 1.7 Vpp, Diff.
Figure 48. Second Alternate Channel Power Distribution, 4
Production Lots, 120 Units. LO Drive = +4.0 dBm @ 2140 MHz.
I/Q Drive Level = 1.7 Vpp, Diff.
Typical Device Performance Graphs
Baseband Signal: W-CDMA Test Model 1 w/ 64 DPCH,
Peak-to-Average Ratio = 10.54
Typical Performance Distribution Over Multiple Lots


Similar Part No. - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016-3Z ETC1-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results

Similar Description - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com