Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STQ-2016-3 Datasheet(PDF) 10 Page - SIRENZA MICRODEVICES

Part # STQ-2016-3
Description  700-2500 MHz Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-2016-3 Datasheet(HTML) 10 Page - SIRENZA MICRODEVICES

Back Button STQ-2016-3 Datasheet HTML 6Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 7Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 8Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 9Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 10Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 11Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 12Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 13Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 14Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
10
EDS-104229 Rev B
STQ-2016-3 Direct Quadrature Modulator
6
4
20
2
4
6
8
158
156
154
152
150
I/Q Drive = 1 Vpp, Diff.
I/Q Drive = 2 Vpp, Diff.
I/Q Drive = 3 Vpp, Diff.
I/Q Drive = 4 Vpp, Diff.
LO Drive Level (dBm)
21 00
21 20
21 40
21 60
21 80
80
75
70
65
60
I/Q Drive = 1 V pp, Diff.
I/Q Drive = 2 V pp, Diff.
I/Q Drive = 3 V pp, Diff.
I/Q Drive = 4 V pp, Diff.
LO Frequency (MH z)
1
1.5
2
2.5
3
3.5
4
80
75
70
65
60
LO Freq. = 2110 M Hz
LO Freq. = 2140 M Hz
LO Freq. = 2170 M Hz
IQ Drive Level (Vpp, Diff.)
4.7
4.8
4.9
5
5.1
5.2
80
78
76
74
72
70
I/Q Drive = 1.5 Vpp, Diff.
I/Q Drive = 1.7 Vpp, Diff.
I/Q Drive = 1.9 Vpp, Diff.
Vcc (Vdc)
1.4
1.5
1.6
1.7
1.8
1.9
80
78
76
74
72
70
Vcc = 4.75 V
Vcc = 5.00 V
Vcc = 5.25 V
IQ Drive Level (Vpp, Diff.)
50
25
0
255075
100
80
78
76
74
72
70
I/Q Drive = 1.5 Vpp, Diff.
I/Q Drive = 1.7 Vpp, Diff.
I/Q Drive = 1.9 Vpp, Diff.
Temperature (Deg. C )
1.4
1.5
1.6
1.7
1.8
1.9
80
78
76
74
72
70
Temp = -40 Deg. C
Temp = +25 Deg. C
Temp = +85 Deg. C
IQ Drive Level (Vpp, Diff.)
Figure 35. First Alternate Channel Power Vs. Temperature, LO
Drive = +4.0 dBm @ 2140 MHz.
Figure 36. First Alternate Channel Power Vs. I/Q Drive Level,
over Temperature Range, LO Drive = +4.0 dBm @ 2140 MHz.
Figure 33. First Alternate Channel Power Vs. Vcc,
LO Drive = +4.0 dBm @ 2140 MHz.
Figure 34. First Alternate Channel Power Vs. I/Q Drive Level,
over Vcc Range, LO Drive = +4.0 dBm @ 2140 MHz.
Figure 31. First Alternate Channel Power Vs. LO
Frequency, LO Drive = +4.0 dBm.
Figure 32. First Alternate Channel Power Vs. I/Q Drive Level,
LO Drive = +4.0 dBm.
Typical Device Performance Graphs
Baseband Signal: W-CDMA Test Model 1 w/ 64 DPCH,
Peak-to-Average Ratio = 10.54


Similar Part No. - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016-3Z ETC1-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results

Similar Description - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com