Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STQ-1016 Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part No. STQ-1016
Description  250 - 1000 MHz Direct Quadrature Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-1016 Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  STQ-1016 Datasheet HTML 1Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 2Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 3Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 4Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 5Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
4
EDS-102531 Rev C
STQ-1016 Direct Quadrature Modulator
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
STQ-1016
7”
1000
STQ-1016Z
7”
1000
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
Absolute Maximum Ratings
Parameters
Value
Unit
Supply Voltage (VCC)
6.0
VDC
LO, RF Input (LOP, LON, RFP, RFN)
+10
dBm
Baseband Min Input Voltage
(BBIP, BBIN, BBQP, BBQN)
0VDC
Baseband Max Input Voltage
(BBIP, BBIN, BBQP, BBQN)
3VDC
Operating Temperature
-40 to +85
ºC
Storage Temperature
-65 to +150
ºC
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation the
device voltage and current must not exceed the maximum oper-
ating values specified in the table on page one.
Pin Out Description
Pin #
Function
Description
Additional Comments
1
BBQP
Q-channel baseband input, positive terminal
Nominal DC bias voltage is 1.9V (biased internally)
2
VCC
Positive supply (+5V)
3
VEE
Ground
4
LOP
Local oscillator input, positive terminal
Nominal DC voltage is 2.0V. Input should be AC-coupled.
5
LON
Local oscillator input, negative terminal
Nominal DC voltage is 2.0V. Input should be AC-coupled.
6
VEE
Ground
7
SD
Shut-down control
Logic high = normal operation;
logic low = shut-down enabled.
8
BBIP
I-channel baseband input, positive terminal
Nominal DC bias voltage is 1.9V (biased internally)
9
BBIN
I-channel baseband input, negative terminal
Nominal DC bias voltage is 1.9V (biased internally)
10
VCC
Positive supply (+5V)
11
VEE
Ground
12
RFN
RF output, negative terminal
Nominal DC voltage is 2.4V. Output should be AC-coupled.
13
RFP
RF output, positive terminal
Nominal DC voltage is 2.4V. Output should be AC-coupled.
14
VEE
Ground
15
VCC
Positive supply (+5V)
16
BBQN
Q-channel baseband input, negative terminal
Nominal DC bias voltage is 1.9V (biased internally)
Suggested PCB Pad Layout
Package Dimensions (“16” Package)
Moisture Sensitivity Level 1 - no special handling
required.
0.118
(3.0)
0.118
(3.0)
0.049
(1.25)
0.272 (6.9)
0.035
(0.9)
φ0.010 (0.25) via
- Indicates metalization
- vias connect pad to underlying ground plane
all units are in inches (mm)
0.012
(0.30)
0.014
(0.35)
0.024
(0.63)
0.028
(0.7)
NOTES:
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE ±.004" (0.1mm) UNLESS OTHERWISE
SPECIFIED.
3. COPLANARITY: .004" (0.1mm)
4. CONTROLLING DIMENSION IS MILLIMETER,
CONVERTED INCH DIMENSIONS ARE NOT
NECESSARILY EXACT.
5. FOLLOWED FROM JEDEC MO-153.
Lot #
STQ
2016
XZZZZ
Part #
Dimensions in inches (mm)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn