Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-1116 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part No. STM-1116
Description  800 - 1000 MHz High Linearity Active Transmit Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

STM-1116 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  STM-1116 Datasheet HTML 1Page - SIRENZA MICRODEVICES STM-1116 Datasheet HTML 2Page - SIRENZA MICRODEVICES STM-1116 Datasheet HTML 3Page - SIRENZA MICRODEVICES STM-1116 Datasheet HTML 4Page - SIRENZA MICRODEVICES STM-1116 Datasheet HTML 5Page - SIRENZA MICRODEVICES STM-1116 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
3
EDS102185 Rev B
STM-1116 SiGe Active Transmit Mixer
800-1000MHz Typical Device Performance (continued)
Note 1: The return losses shown were measured with the STM-1116 mounted on our FR4 evaluation boards . The RF port
was matched for the GSM band, and the IF port matched for 200 MHz. Similar return losses are achievable at other fre-
quencies using standard matching practices.
Note 2: LO-IF leakage measurement has not been adjusted for the loss through the IF (TC1-1) balun.
Output P1dB vs LO Drive
T=25 C
0
2
4
6
8
10
12
800
850
900
950
1000
Frequency (MHz)
-3 dBm
0dBm
+3 dBm
Output P1dB vs Temperature
Plo=0 dBm
0
2
4
6
8
10
12
800
850
900
950
1000
Frequency (MHz)
85C
25C
-40C
RF & LO Return Loss (Note 1)
-25
-20
-15
-10
-5
0
400
600
800
1000
1200
RF Frequency (MHz)
RF RL
LO RL
IF Return Loss (Note 1)
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
IF Frequency (MHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn