Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-1116 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part No. STM-1116
Description  800 - 1000 MHz High Linearity Active Transmit Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

STM-1116 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
2
EDS102185 Rev B
STM-1116 SiGe Active Transmit Mixer
800-1000MHz Typical Device Performance
Conversion Gain vs Temperature
Plo=0 dBm
4
6
8
10
12
14
16
18
800
850
900
950
1000
Frequency (MHz)
85C
25C
-40C
Output IP3 vs Temperature
Plo=0 dBm
14
16
18
20
22
24
26
800
850
900
950
1000
Frequency (MHz)
85C
25C
-40C
Conversion Gain vs LO Drive
T=25 C
4
6
8
10
12
14
16
800
850
900
950
1000
Frequency (MHz)
-3 dBm
0dBm
+3 dBm
Output IP3 vs LO Drive
T=25 C
14
16
18
20
22
24
26
800
850
900
950
1000
Frequency (MHz)
-3 dBm
0dBm
+3 dBm
Noise Figure vs Temperature
Plo=0 dBm
4
6
8
10
12
14
16
800
850
900
950
1000
Frequency (MHz)
85C
25C
-40C
Leakages
Plo=0 dBm at pins
T=25 C (Note 2)
-60
-50
-40
-30
-20
-10
0
500
600
700
800
900
1000
Frequency (MHz)
LO-RF
LO-IF


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn