Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRM-2016 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part No. SRM-2016
Description  1700 - 2300 MHz High Linearity Active Receive Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SRM-2016 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SRM-2016 Datasheet HTML 1Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 2Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 3Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 4Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 5Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 6Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 7Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 8Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
2
EDS-102101 Rev D
SRM-2016 SiGe Active Receive Mixer
1700-2000MHz Typical Device Performance
Conversion Gain vs Tem perature
Plo = 0dBm
0.0
4.0
8.0
12.0
16.0
20.0
1400
1600
1800
2000
2200
Frequency (MHz)
-40ºC
+25ºC
+85ºC
Input IP3 vs Te mpe rature
Plo = 0dBm
10.0
12.0
14.0
16.0
18.0
20.0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40ºC
+25º C
+85º C
Conve rs ion Gain vs LO Drive
T=+25ºC
0.0
4.0
8.0
12.0
16.0
20.0
1400
1600
1800
2000
2200
Frequency (MHz)
-3 dBm
0dBm
+3 dBm
Input IP3 vs LO Drive
T=+25ºC
10.0
12.0
14.0
16.0
18.0
20.0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-3 dBm
0dBm
+3dBm
Le akage s
Plo=0 dBm at pins, Prf=-20 dBm at pins,
T=+25ºC
-80
-60
-40
-20
0
1400
1600
1800
2000
2200
Frequency (MHz)
LO-RF
RF-IF
LO-IF
Nois eFigurevsTem pe rature
Plo=0dBm
10
12
14
16
18
20
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40ºC
+25ºC
+85ºC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn