Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRM-1016 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part No. SRM-1016
Description  800 - 1000 MHz High Linearity Active Receive Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

SRM-1016 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SRM-1016 SiGe Active Receive Mixer
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
3
EDS-102145 Rev B
Typical Device Performance
RF & LO Return Loss (Note 2)
T=+25ºC
-30
-25
-20
-15
-10
-5
0
600
700
800
900
1000
Frequency (MHz)
RF RL
LO RL
Input P1dB vs Temperature
Plo=0dBm
0
2
4
6
8
10
800
850
900
950
1000
Frequency (MHz)
-40ºC
+25ºC
+85ºC
IF Return Loss (Note 2)
T=+25ºC
-30
-25
-20
-15
-10
-5
0
30
75
120
165
210
255
300
Frequency (MHz)
Input P1dB vs LO Drive
T=+25ºC
0
2
4
6
8
10
800
850
900
950
1000
Frequency (MHz)
Plo=-3dBm
Plo=0dBm
Plo=+3dBm
Note 1:
Leakage performance shown (LO-RF, LO-IF, RF-IF) is for a single-ended RF, LO, IF configuration. Differential drive will
improve leakage performance. Contact applications engineering for differential vs. single-ended drive trade-offs.
Note 2:
The return losses shown were measured with the SRM-1016 mounted on our FR4 evaluation boards using standard
matching practices as indicated on the application schematic page (5) herein. Users following the RF, LO and IF matching
guidelines will achieve similar performance.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn