Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRM-1016 Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part No. SRM-1016
Description  800 - 1000 MHz High Linearity Active Receive Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

SRM-1016 Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SRM-1016 SiGe Active Receive Mixer
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
4
EDS-102145 Rev B
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
Package Dimensions (“16” Package)
NOTES:
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE ±.004" (0.1mm) UNLESS OTHERWISE
SPECIFIED.
3. COPLANARITY: .004" (0.1mm)
4. CONTROLLING DIMENSION IS MILLIMETER,
CONVERTED INCH DIMENSIONS ARE NOT
NECESSARILY EXACT.
5. FOLLOWED FROM JEDEC MO-153.
Lot #
SRM
1016
XZZZZ
Part #
Dimensions in inches (mm)
Absolute Maximum Ratings
Parameters
Value
Unit
Supply Voltage (Vcc)
+6.0
VDC
LO Input (LOP, LON)
+10
dBm
RF Input (RFP, RFN)
+15
dBm
Operating Temperature
-40 to +85
ºC
Storage Temperature
-65 to +150
ºC
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation the
device voltage and current must not exceed the maximum oper-
ating values specified in the table on page one.
Pin Out Description
Pin #
Function
Description
Additional Comments
1
IFP
IF output, positive terminal
Nominal DC voltage is 1.6V. Output should be AC-coupled
2
VCC
Positive supply (+5V)
3
VEE
Ground
4
RFP
RF input, positive terminal
Nominal DC voltage is 2.1V. (Internally biased) Input should be AC-coupled.
5
RFN
RF input, negative terminal
Nominal DC voltage is 2.1V. (Internally biased) Input should be AC-coupled.
6
VEE
Ground
7
VCC
Positive supply (+5V)
8
L1
External inductor terminal
Nominal DC voltage is 5V, provided through off chip inductors.
9
L2
External inductor terminal
Nominal DC voltage is 5V, provided through off chip inductors.
10
VCC
Positive supply (+5V)
11
VEE
Ground
12
LON
LO input, negative terminal
Nominal DC voltage is 2.4V. (Internally biased) Input should be AC-coupled.
13
LOP
LO input, positive terminal
Nominal DC voltage is 2.4V. (Internally biased) Input should be AC-coupled.
14
VEE
Ground
15
VCC
Positive supply (+5V)
16
IFN
IF output, negative terminal
Nominal DC voltage is 1.6V. Output should be AC-coupled.
0.118
(3.0)
0.118
(3.0)
0.049
(1.25)
0.272 (6.9)
0.035
(0.9)
φ0.010 (0.25) via
- Indicates metalization
- vias connect pad to underlying ground plane
all units are in inches (mm)
0.012
(0.30)
0.014
(0.35)
0.024
(0.63)
0.028
(0.7)
Suggested PCB Test Pad Layout
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
SRM-1016
7”
1000


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn