Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-65647RH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-65647RH
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-65647RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-65647RH_00 Datasheet HTML 1Page - Intersil Corporation HS-65647RH_00 Datasheet HTML 2Page - Intersil Corporation HS-65647RH_00 Datasheet HTML 3Page - Intersil Corporation HS-65647RH_00 Datasheet HTML 4Page - Intersil Corporation HS-65647RH_00 Datasheet HTML 5Page - Intersil Corporation HS-65647RH_00 Datasheet HTML 6Page - Intersil Corporation HS-65647RH_00 Datasheet HTML 7Page - Intersil Corporation HS-65647RH_00 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TM
File Number
2928.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright © Intersil Corporation 2000
HS-65647RH
Radiation Hardened 8K x 8 SOS CMOS
Static RAM
The Intersil HS-65647RH is a fully asynchronous 8K x 8
radiation hardened static RAM. This RAM is fabricated using
the Intersil 1.2 micron silicon-on-sapphire CMOS technology.
This technology gives exceptional hardness to all types of
radiation, including neutron fluence, total ionizing dose, high
intensity ionizing dose rates, and cosmic rays.
Low power operation is provided by a fully static design. Low
standby power can be achieved without pull-up resistors,
due to the gated input buffer design.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95823. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-95823
• QML Qualified per MIL-PRF-38535 Requirements
• 1.2 Micron Radiation Hardened SOS CMOS
- Total Dose . . . . . . . . . . . . . . . . . . . . . 300 krad(Si) (Max)
- Transient Upset . . . . . . . . . . . . . . . . . >1 x 1011 rad(Si)/s
- Single Event Upset . . . . . . . . < 1 x 10-12 Errors/Bit-Day
• Latch-up Free
• LET Threshold . . . . . . . . . . . . . . . . . . >250 MEV/mg/cm2
• Low Standby Supply Current . . . . . . . . . . . . . 10mA (Max)
• Low Operating Supply Current . . . . . . . . . .100mA (2MHz)
• Fast Access Time . . . . . . . . . . . . . 50ns (Max), 35ns (Typ)
• High Output Drive Capability
• Gated Input Buffers (Gated by E2)
• Six Transistor Memory Cell
• Fully Static Design
• Asynchronous Operation
• CMOS Inputs
• 5V Single Power Supply
• Military Temperature Range . . . . . . . . . . . -55oC to 125oC
• Industry Standard JEDEC Pinout
Functional Diagram
Ordering Information
ORDERING NUMBER
INTERNAL MKT.
NUMBER
TEMP.
RANGE (oC)
5962F9582301QXC
HS1-65647RH-8
-55 to 125
5962F9582301QYC
HS-965647RH-8
-55 to 125
5962F9582301VXC
HS1-65647RH-Q
-55 to 125
5962F9582301VYC
HS9-65647RH-Q
-55 to 125
HS1-65647RH/PROTO HS1-65647RH/PROTO
-55 to 125
HS9-65647RH/PROTO HS9-65647RH/PROTO
-55 to 125
TRUTH TABLE
E1
E2
G
W
MODE
X
0
X
X
Low Power Standby
1
1
X
X
Disabled
0111
Enabled
0101
Read
0
1
X
0
Write
AI COL
AI
ROW
I/O0
I/O7
128 X 512
MEMORY ARRAY
ROW
DECODER
INPUT
DATA
CIRCUIT
COLUMN DECODER
COLUMN I/O
W
G
E1
E2
CONTROL
CIRCUIT
Data Sheet
August 2000


Similar Part No. - HS-65647RH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS-65647RH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com