Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPF-5122Z Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part No. SPF-5122Z
Description  400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

SPF-5122Z Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Broomfield, CO 80021
2
EDS-105470 Rev B
Advanced Information
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SPF-5122Z GaAs pHEMT Low Noise MMIC Amplifier
Caution: ESD sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Typical RF Performance (With Broadband Application Circuit)
Typical RF Performance (With Broadband Application Circuit)
DCIV Over Temperature
0
20
40
60
80
100
120
01
23
4
5
6
Vs
25C
-40C
85C
Parameter
Absolute Limit
Max Device Current (ID)
120mA
Max Device Voltage (VD)
5.5V
Max RF Input Power
27dBm
Max Dissipated Power
660mW
Max Junction Temperature (TJ)
150C
Operating Temperature Range (TL)
-40 to +85C
Max Storage Temp.
-65 to +150C
IDVD < (TJ - TL) / RTH, j-l
TL=Source Lead Temperature
Absolute Maximum Ratings
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation, the device voltage
and current must not exceed the maximum operating values specified in
the table on page one.
Bias Conditions should also satisfy the following expression:
Parameter
Absolute Limit
ESD Rating - Human Body Model (HBM)
Class 1B
Moisture Sensitivity (MSL)
MSL 1
Reliability & Quanification Information
This product qualification report can be downloaded at: www.sirenza.com
IM3 vs. Power
-80
-75
-70
-65
-60
-55
-50
-45
-40
0369
12
15
Power Output Per Tone (dBm)
25C
-40C
85C
Fc = 900MHz, 1MHz Spacing
Symbol
Parameter
Unit
0.4
0.8
0.9
1.0
1.9
2.2
2.5
3
S21
Small Signal gain
dB
23.5
19.5
18.8
18.0
13.0
11.6
10.6
9.1
NF
Noise Figure
dBm
0.45
0.60
0.65
0.70
0.70
0.80
0.90
1.00
OIP3
Output Third Order Intercept Point
dBm
35.0
37.5
38.5
38.5
40.5
40.5
42.0
42.0
P1dB
Output Power at 1dB compression
dB
23.0
23.0
23.0
23.3
23.5
24.0
24.0
24.0
S11
Input Return Loss
dB
-10.0
-13.5
-14.0
-15.0
-19.0
-21.5
-23.5
-22.5
S22
Output Return Loss
dB
-19.0
-17.0
-16.5
-16.0
-12.5
-12.5
-11.5
-11.0
S12
Reverse Isolation
dB
29.0
-25.0
-24.0
-23.5
-18.5
-17.5
-16.5
-15.0
Test Conditions:
VS=5.0V
IDQ=90mA
OIP3 Tone Spacing = 1MHz
Pout per tone = 0 dBm
TL = 25°C
Zs = ZL = 50Ohms
Frequency (GHz)
OIP3 vs Frequency
30
32
34
36
38
40
42
44
46
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
25C
-40C
85C
Pout = 0dBm /Tone, 1MHz Spacing


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn