Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPF-5122Z Datasheet(PDF) 6 Page - SIRENZA MICRODEVICES

Part No. SPF-5122Z
Description  400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

SPF-5122Z Datasheet(HTML) 6 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Broomfield, CO 80021
6
EDS-105470 Rev B
Advanced Information
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SPF-5122Z GaAs pHEMT Low Noise MMIC Amplifier
Part Number Ordering Information
Nominal Package Dimensions
Dimensions in inches [millimeters]
Refer to drawing posted at www.sirenza.com for tolerances.
Part Identification
Suggested Pad Layout
Part Number
Reel Size
Devices/Reel
SPF-5122Z
7"
3000
Pad #
Function
Description
1, 4, 5, 8
N/A
Ground or No Connect. Ground recommended.
2, 3
RFIN
RF input pins. These pis are DC coupled and matched to 50 Ohms. An external DC block is
required.
6, 7
RFOUT / Bias
RF output and Bias pins. These pins are DC coupled and matched to 50 Ohms. Bias is applied
through these pads.
EPAD
GND
Package bottom must be soldered or epoxied to RF/DC ground.
3
4
7
8
6
5
51Z
SPF
Pin 1 Designation (top view)
2
1
0.0057
0.0088
0.0295
Ø0.0120
Ø0.0200
0.0337


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn