Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPF-5043Z Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part No. SPF-5043Z
Description  400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

SPF-5043Z Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Broomfield, CO 80021
3
EDS-105475 Rev B
Advanced Information
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SPF-5043Z GaAs Low Noise MMIC Amplifier
Typical RF Performance (Broadband Application Circuit, 5V, 45mA)
|S11| vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
|S21| vs. Frequency
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
|S12| vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
|S22| vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
P1dB vs. Frequency
15
16
17
18
19
20
21
22
23
24
25
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
25C
-4 0 C
85C
Noise Figure vs. Frequency
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
25C
85C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn