Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPF-5043Z Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part No. SPF-5043Z
Description  400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

SPF-5043Z Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Information
Broomfield, CO 80021
1
EDS-105475 Rev B
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2006 Sirenza Microdevices, Inc.. All worldwide rights
reserved.
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SPF-5043Z
400-3000 MHz, GaAs pHEMT Low Noise
MMIC Amplifier
Product Features
Ultra-Low Noise Figure = 0.6 dB @ 900 MHz
Gain = 18.5 dB @ 900 MHz
High Linearity: OIP3 = 35 dBm @ 1900 MHz
P1dB = 22 dBm @ 1900 MHz
Single-supply operation: 5V @ Idq=45mA
Broadband Internal Matching
RoHS/WEEE Compliant SOT-343 package
Applications
Cellular, PCS, W-CDMA, ISM, W iMAX Receivers
Low noise, high linearity gain block applications
Pb
RoHS Compliant
&
Package
Green
Product Description
The SPF-5043Z is a high performance pHEMT MMIC LNA designed for
operation from 400-3000 MHz. The on-chip active bias network provides
stable current over temperature and process threshold voltage variations.
The SPF-5043Z offers ultra-low noise figure and high linearity performance
in a gain block configuration. Its single-supply operation and integrated
matching networks make implementation remarkably simple. High maximum
input power specification make it ideal for high dynamic range receivers.
Symbol
Parameters
Units
Frequency
Min.
Typ.
Max.
0.9 GHz
18.3
1.9 GHz
13.4
0.9 GHz
0.65
1.9 GHz
0.70
0.9 GHz
32.5
1.9 GHz
34.5
0.9 GHz
21.0
1.9 GHz
21.8
0.9 GHz
-13.5
1.9 GHz
-14.5
0.9 GHz
-24.5
1.9 GHz
-19.5
0.9 GHz
-24.5
1.9 GHz
-20.0
VD
Device Operating Voltage
V
5.0
IDQ
Device Operating Current (Quiescent)
mA
45
Rth, j-l
Thermal Resistance (junction-to-lead)
°C/W
125
P1dB
Output Power at 1dB Compression
dBm
OIP3
Output Third Order Intercept Point
dBm
S21
Small Signal Power Gain
dB
S22
Output Return Loss
dB
NF
Noise Figure
dB
S11
Input Return Loss
dB
ZS = ZL = 50 Ohms, 25C, Broadband Application Circuit
Test Conditions:
VS = 5.0V, IDQ = 45mA, OIP3 Tone Spacing = 1MHz, Pout per tone = 0 dBm
S12
Reverse Isolation
dB
Gain and NF vs. Frequency
Broadband Application Circuit
0
3
6
9
12
15
18
21
24
27
30
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Gain
NF


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn