Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7612DCBAZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7612DCBAZ-T
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7612DCBAZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7612DCBAZ-T Datasheet HTML 1Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 2Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 3Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 4Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 5Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 6Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 7Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 8Page - Intersil Corporation ICL7612DCBAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN2919.8
ICL7611, ICL7612
1.4MHz, Low Power CMOS Operational
Amplifiers
The ICL761X series is a family of CMOS operational
amplifiers. These devices provide the designer with high
performance operation at low supply voltages and selectable
quiescent currents, and are an ideal design tool when ultra
low input current and low power dissipation are desired.
The basic amplifier will operate at supply voltages ranging
from
±1V to ±8V, and may be operated from a single
Lithium cell.
A unique quiescent current programming pin allows setting
of standby current to 1mA, 100
μA, or 10μA, with no external
components. This results in power consumption as low as
20
μW. The output swing ranges to within a few millivolts of
the supply voltages.
Of particular significance is the extremely low (1pA) input
current, input noise current of 0.01pA/
√Hz, and 1012Ω input
impedance. These features optimize performance in very
high source impedance applications.
The inputs are internally protected. Outputs are fully
protected against short circuits to ground or to either supply.
AC performance is excellent, with a slew rate of 1.6V/
μs, and
unity gain bandwidth of 1MHz at IQ = 1mA.
Because of the low power dissipation, junction temperature
rise and drift are quite low. Applications utilizing these
features may include stable instruments, extended life
designs, or high density packages.
Pinouts
ICL7611, ICL7612
(PDIP, SOIC)
TOP VIEW
Features
• Wide Operating Voltage Range . . . . . . . . . . .
±1V to ±8V
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 1012
Ω
• Programmable Power Consumption . . . . . Low as 20
μW
• Input Current Lower Than BIFETs . . . . . . . . . . . 1pA (Typ)
• Output Voltage Swing . . . . . . . . . . . . . . . . . . . V+ and V-
• Input Common Mode Voltage Range Greater Than Supply
Rails (ICL7612)
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Portable Instruments
• Telephone Headsets
• Hearing Aid/Microphone Amplifiers
• Meter Amplifiers
• Medical Instruments
• High Impedance Buffers
BAL
-IN
+IN
V-
1
2
3
4
8
7
6
5
IQ SET
V+
OUT
BAL
+
-
Data Sheet
September 27, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ICL7612DCBAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7612DCBAZ-T INTERSIL-ICL7612DCBAZ-T Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7612DCBAZ-T RENESAS-ICL7612DCBAZ-T Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7612DCBAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com