Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5033 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-5033
Description  250MHz Video Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5033 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-5033 Datasheet HTML 1Page - Intersil Corporation HA-5033 Datasheet HTML 2Page - Intersil Corporation HA-5033 Datasheet HTML 3Page - Intersil Corporation HA-5033 Datasheet HTML 4Page - Intersil Corporation HA-5033 Datasheet HTML 5Page - Intersil Corporation HA-5033 Datasheet HTML 6Page - Intersil Corporation HA-5033 Datasheet HTML 7Page - Intersil Corporation HA-5033 Datasheet HTML 8Page - Intersil Corporation HA-5033 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN2924.8
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Pins. . . . . . . . . . . . . . . . . . . . . . . . 40V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Output Current (Peak) (50ms On/1 Second Off) . . . . . . . . .
±200mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 2000V
Operating Conditions
Temperature Ranges (Note 3)
HA-5033-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to 125°C
HA-5033-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 75°C
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
θJC (°C/W)
Metal Can Package . . . . . . . . . . . . . . .
65
34
PDIP Package . . . . . . . . . . . . . . . . . . .
120
N/A
Maximum Junction Temperature (Note 1) . . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Packages) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including load conditions, must be designed to maintain the maximum junction temperature below 175°C for the metal
can package, and below 150°C for the plastic packages (See Figure 5.).
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
3. The maximum operating temperature may have to be derated depending on the output load condition. See Figure 5 for more information.
Electrical Specifications
VSUPPLY = ±12V, RS = 50Ω, RL = 100Ω, CL = 10pF, Unless Otherwise Specified
PARAMETER
TEST
CONDITIONS
TEMP.
(°C)
HA-5033-2
HA-5033-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
5
15
-
5
15
mV
Full
-6
25
-6
25
mV
Average Offset Voltage Drift
Full
-
33
-
-
33
-
µV/°C
Bias Current
25
-
20
35
-
20
35
µA
Full
-
30
50
-
30
50
µA
Input Resistance
25
-
3
-
-
3
-
M
Input Capacitance
25
-
1.6
-
-
1.6
-
pF
Input Noise Voltage
10Hz to 100MHz
25
-
20
-
-
20
-
µVP-P
TRANSFER CHARACTERISTICS
Voltage Gain
RL = 100Ω
25
0.93
-
-
0.93
-
-
V/V
RL = 1kΩ
25
0.93
0.99
-
0.93
0.99
-
V/V
RL = 100Ω
Full
0.92
-
-
0.92
-
-
V/V
-3dB Bandwidth
25
-
250
-
-
250
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 100Ω
Full
±8
±10
-
±8
±10
-
V
RL = 1kΩ, VS = ±15V
Full
±11
±12
-
±11
±12
-
V
Output Current
25
±80
±100
-
±80
±100
-
mA
Output Resistance
25
-
8
-
-
8
-
Full Power Bandwidth
VOUT = 1VRMS, RL = 1kΩ
25
-
146
-
-
146
-
MHz
Full Power Bandwidth (Note 4)
25
15.9
17.5
-
15.9
17.5
-
MHz
TRANSIENT RESPONSE
Rise Time
VOUT = 500mV
25
-
4.6
-
-
4.6
-
ns
Propagation Delay
25
-
1
-
-
1
-
ns
HA-5033


Similar Part No. - HA-5033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
More results

Similar Description - HA-5033

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
   350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
   250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com