Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-3018Z Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SPB-3018Z
Description  800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPB-3018Z Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SPB-3018Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SPB-3018Z Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Broomfield, CO 80021
3
EDS-103980 Rev A
SPB-3018 800-2400 MHz Cascadable MMIC Amplifier
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
1960 MHz Application Circuit Data, V
cc=5V, ID=210mA
P1dB vs. Frequency
24
26
28
30
32
34
1.93
1.94
1.95
1.96
1.97
1.98
1.99
GHz
P1dB -40C
P1dB 25C
P1dB 85C
IM3 vs. Tone Power
-80
-70
-60
-50
-40
-30
-20
6
8
10
12
14
16
18
20
22
24
Pout (dBm)
IM3_-40C
IM3_25C
IM3_85C
Gain vs. Frequency
7
9
11
13
15
17
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency (GHz)
S21_25C
S21_-40C
S21_85C
Input/Output Return Loss,
Isolation vs. Frequency, T=25C
-30
-25
-20
-15
-10
-5
0
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency (GHz)
S11
S12
S22
ACP vs. Ch. Power(IS-95 9 Ch. Fwd.)
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
15
16
17
18
19
20
21
22
23
Ch. Pwr. (dBm)
ACP -40C
ACP 85C
ACP 25C
Collector Efficiency vs. Ch. Pwr.
0
2
4
6
8
10
12
14
16
18
15
16
17
18
19
20
21
22
23
Ch. Pwr. (dBm)
Eff. % -40C
Eff. % 85C
Eff. % 25C


Similar Part No. - SPB-3018Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPB-3018Z ETC1-SPB-3018Z Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
More results

Similar Description - SPB-3018Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
logo
RF Micro Devices
SXA-389-Z RFMD-SXA-389-Z Datasheet
618Kb / 10P
   MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SXB-4089 ETC1-SXB-4089 Datasheet
184Kb / 8P
   400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SBB-2089 SIRENZA-SBB-2089 Datasheet
737Kb / 6P
   50 - 850 MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBB-2089 ETC1-SBB-2089 Datasheet
736Kb / 6P
   50 - 850 MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
Analog Devices
HMC740ST89E AD-HMC740ST89E Datasheet
842Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
HMC741ST89E AD-HMC741ST89E Datasheet
850Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com