Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA-2318 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SPA-2318
Description  1700-2200 MHz 1 Watt Power Amp with Active Bias
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-2318 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SPA-2318 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 5Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 6Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 7Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 8Page - SIRENZA MICRODEVICES SPA-2318 Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
EDS-101432 Rev H
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 S. Technology Court, Broomfield, CO 80021
SPA-2318 1700-2200 MHz 1 Watt Power Amp.
-75
-70
-65
-60
-55
-50
-45
-40
16
18
20
22
24
25C
-40C
85C
1960 MHz Adjacent Channel Power
vs. Channel Output Power
ACP Optimized 1960 MHz Application Circuit Data, Icc=400mA, Vcc=5V
IS-95, 9 Channels Forward
IS-95 CDMA at 1960 MHz
23.75
24 dBm
21 dBm
17 dBm
13 dBm
T=25oC
dBm


Similar Part No. - SPA-2318

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-2318

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2318Z RFMD-SPA2318Z Datasheet
646Kb / 8P
   1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com