Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5221 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA-5221
Description  100MHz, Low Noise, Precision Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA-5221 Datasheet HTML 3Page - Intersil Corporation HA-5221 Datasheet HTML 4Page - Intersil Corporation HA-5221 Datasheet HTML 5Page - Intersil Corporation HA-5221 Datasheet HTML 6Page - Intersil Corporation HA-5221 Datasheet HTML 7Page - Intersil Corporation HA-5221 Datasheet HTML 8Page - Intersil Corporation HA-5221 Datasheet HTML 9Page - Intersil Corporation HA-5221 Datasheet HTML 10Page - Intersil Corporation HA-5221 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 21. OFFSET CURRENT vs TEMPERATURE
(4 REPRESENTATIVE UNITS)
FIGURE 22. CMRR AND PSRR vs TEMPERATURE
FIGURE 23. BANDWIDTH AND PHASE MARGIN vs LOAD
CAPACITANCE
FIGURE 24. SHORT CIRCUIT OUTPUT CURRENT vs TIME
FIGURE 25. 0.1Hz TO 10Hz NOISE
FIGURE 26. 0.1Hz TO 1MHz
Typical Performance Curves VS = ±15V, TA = 25oC (Continued)
TEMPERATURE (oC)
100
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
-PSRR
+PSRR
CMRR
BANDWIDTH
PHASE MARGIN
LOAD CAPACITANCE (pF)
45
40
35
30
25
20
15
1
10
100
1000
120
100
80
60
40
20
0
AV = +1, RL = 1K
TIME AFTER SHORT CIRCUIT (MINUTES)
130
110
90
70
50
01
23
4
5
Vertical Scale = 1mV/Div.;
Horizontal Scale = 1s/Div.
AV = +25,000; EN = 0.168µVP-P RTI
Vertical Scale = 10mV/Div.;
Horizontal Scale = 1s/Div.
AV = +25,000; EN = 1.5µVP-P RTI
HA-5221


Similar Part No. - HA-5221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221/883 INTERSIL-HA-5221/883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
More results

Similar Description - HA-5221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HCA10009 INTERSIL-HCA10009 Datasheet
529Kb / 10P
   100MHz, Single and Dual Low Noise, Precision Operational Amplifier
August 1999
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com