Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5160 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA-5160
Description  100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5160 Datasheet(HTML) 7 Page - Intersil Corporation

  HA-5160_05 Datasheet HTML 1Page - Intersil Corporation HA-5160_05 Datasheet HTML 2Page - Intersil Corporation HA-5160_05 Datasheet HTML 3Page - Intersil Corporation HA-5160_05 Datasheet HTML 4Page - Intersil Corporation HA-5160_05 Datasheet HTML 5Page - Intersil Corporation HA-5160_05 Datasheet HTML 6Page - Intersil Corporation HA-5160_05 Datasheet HTML 7Page - Intersil Corporation HA-5160_05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FIGURE 11. OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
FIGURE 12. SETTLING TIME FOR VARIOUS OUTPUT STEP
VOLTAGES
FIGURE 13. COMMON MODE REJECTION RATIO vs FRE-
QUENCY
FIGURE 14. POWER SUPPLY REJECTION RATIO vs FRE-
QUENCY
FIGURE 15. POWER SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
LOAD RESISTANCE (
Ω)
200
400
600
1K
800
0
6
10
14
12
8
4
2
NEGATIVE SWING
POSITIVE SWING
SETTLING TIME (ns)
100
400
600
500
-10
0
+10
+5
300
200
0
-5
10mV
10mV
+
300pF
10
RF
FREQUENCY (Hz)
1M
110K
1K
100
80
0
60
100
20
40
100K
10
-
+
300pF
10
RF
1M
110K
1K
100
80
0
60
100
20
40
100K
10
FREQUENCY (Hz)
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
-
TEMPERATURE (oC)
80
8.8
120
7.0
8.0
160
0
-80
7.5
8.5
40
-40
VSUPPLY = ±15V
VSUPPLY = ±10V
VSUPPLY = ±7V
VSUPPLY = ±20V
HA-5160


Similar Part No. - HA-5160_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results

Similar Description - HA-5160_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com