Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5135 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA-5135
Description  2.5MHz, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5135 Datasheet(HTML) 4 Page - Intersil Corporation

  HA-5135_04 Datasheet HTML 1Page - Intersil Corporation HA-5135_04 Datasheet HTML 2Page - Intersil Corporation HA-5135_04 Datasheet HTML 3Page - Intersil Corporation HA-5135_04 Datasheet HTML 4Page - Intersil Corporation HA-5135_04 Datasheet HTML 5Page - Intersil Corporation HA-5135_04 Datasheet HTML 6Page - Intersil Corporation HA-5135_04 Datasheet HTML 7Page - Intersil Corporation HA-5135_04 Datasheet HTML 8Page - Intersil Corporation HA-5135_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Schematic Diagram
FIGURE 2. SETTLING TIME CIRCUIT
Test Circuits and Waveforms (Continued)
+
-
A.U.T.
+15V
-15V
2k
100pF
VOUT
5k
5k
2k
VIN
2k
TO
OSCILLOSCOPE
2N4416
+15V
NOTES:
8. AV = -1.
9. Feedback and summing resistors
should be 0.1% matched.
10. Clipping diodes are optional.
HP5082-2810 recommended.
R9
Q35
Q22
BALANCE
R11
Q56
R7
Q55
Q19
Q21
C3
Q8
Q17
Q20
R6
Q57
R12
Q37
C2
R8
Q36
Q38
Q40
Q39
Q28
Q27
Q24
C4
C1
Q14
Q12
Q2 Q4
Q15
Q16
Q9
Q10
Q6
Q5
Q11
Q13
Q1
Q3
R3
(-) INVERTING
INPUT
Q52
Q7
Q53
RP18
Q46
R19
Q48
Q50
Q41
Q49
Z1
R13
R20
R14
R2
R17
Q25
Q26
Q42
Q51
Q31
(+) NON-
INPUT
INVERTING
Q45
Q34
Q30
R15
OUT
R16
Q33
Q47
Q32
Q43
Q58
Q44
V+
V-
Q54
Q18
R4
R10
R5
HA-5135


Similar Part No. - HA-5135_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5135/883 INTERSIL-HA-5135/883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
More results

Similar Description - HA-5135_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5135 INTERSIL-HA-5135 Datasheet
116Kb / 9P
   2.5MHz, Precision Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA-5135 RENESAS-HA-5135 Datasheet
315Kb / 10P
   2.5MHz, Precision Operational Amplifier
January 2004
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com