Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5101 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5101
Description  10MHz, Low Noise, Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5101 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5101_03 Datasheet HTML 1Page - Intersil Corporation HA-5101_03 Datasheet HTML 2Page - Intersil Corporation HA-5101_03 Datasheet HTML 3Page - Intersil Corporation HA-5101_03 Datasheet HTML 4Page - Intersil Corporation HA-5101_03 Datasheet HTML 5Page - Intersil Corporation HA-5101_03 Datasheet HTML 6Page - Intersil Corporation HA-5101_03 Datasheet HTML 7Page - Intersil Corporation HA-5101_03 Datasheet HTML 8Page - Intersil Corporation HA-5101_03 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
HA-5101
10MHz, Low Noise, Operational Amplifiers
The HA-5101 is a dielectrically isolated operational amplifier
featuring low noise, (3.0nV/
√Hz at 1kHz).
DC characteristics of the HA-5101 assure accurate
performance. The 0.5mV offset voltage is externally adjust-
able and offset voltage drift is just 3
µV/oC. An offset current
of only 30nA reduces input current errors and an open loop
voltage gain of 1 x 106V/V increases loop gain for low
distortion amplification.
The HA-5101 is ideal for audio applications, especially low-
level signal amplifiers such as microphone, tape head and
phono cartridge preamplifiers. Additionally, it is well suited
for low distortion oscillators, low noise function generators
and high Q filters.
Pinout
Features
• Low Noise . . . . . . . . . . . . . . . . . . . . . 3.0nV/
√Hz at 1kHz
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V/
µs
• Low Offset Voltage Drift . . . . . . . . . . . . . . . . . . . . 3
µV/oC
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 x 106V/V
• High CMRR/PSRR . . . . . . . . . . . . . . . . . . . . . . . . . 100dB
• High Output Drive Capability . . . . . . . . . . . . . . . . . . 30mA
Applications
• High Quality Audio Preamplifiers
• High Q Active Filters
• Low Noise Function Generators
• Low Distortion Oscillators
• Low Noise Comparators
• For Further Design Ideas, See Application Note AN554
HA-5101(SOIC)
TOP VIEW
BAL
-IN
+IN
V-
2
3
4
1
V+
OUT
7
6
5
8
COMP
BAL
+
-
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA9P5101-9
(H51019)
-40 to 85
8 Ld SOIC
M8.15
Data Sheet
May 2003
FN2905.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
OBS
OLE
TE P
ROD
UCT
POS
SIBL
E SU
BST
ITUT
E PR
ODU
CT
HA-2
525,
HA-
2842


Similar Part No. - HA-5101_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101-9 INTERSIL-HA-5101-9 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101/883 INTERSIL-HA-5101/883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
More results

Similar Description - HA-5101_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com