Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2625 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-2625
Description  100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2625 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-2625 Datasheet HTML 1Page - Intersil Corporation HA-2625 Datasheet HTML 2Page - Intersil Corporation HA-2625 Datasheet HTML 3Page - Intersil Corporation HA-2625 Datasheet HTML 4Page - Intersil Corporation HA-2625 Datasheet HTML 5Page - Intersil Corporation HA-2625 Datasheet HTML 6Page - Intersil Corporation HA-2625 Datasheet HTML 7Page - Intersil Corporation HA-2625 Datasheet HTML 8Page - Intersil Corporation HA-2625 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN2903.8
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . 45V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Peak Output Current . . . . . . . . . . . . . . . Full Short Circuit Protection
Operating Conditions
Temperature Range
HA-2620-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HA-2625-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HA-2625-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
117
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
165
N/A
Metal Can Package . . . . . . . . . . . . . . .
165
80
Maximum Junction Temperature (Hermetic Package) . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
TEMP. (oC)
HA-2620
HA-2625
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
(Note 3)
25
-
0.5
4
-
3
5
mV
Full
-2
6
-
-7
mV
Average Offset
Voltage Drift
Full
-
5
-
-
5
-
µV/oC
Bias Current
25
-
1
15
-
5
25
nA
Full
-10
35
-
-40
nA
Offset Current
25
1
15
-
5
25
nA
Full
-
5
35
-
-
40
nA
Differential Input
Resistance (Note 2)
25
65
500
-
40
300
-
M
Input Noise Voltage Density
(f = 1kHz)
25
-
11
-
-
11
-
nV/
√Hz
Input Noise Current Density
(f = 1kHz)
25
-
0.16
-
-
0.16
-
pA/
√Hz
Common Mode Range
Full
±11
±12
-
±11
±12
-
V
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
(Notes 4, 5)
25
100
150
-
80
150
-
kV/V
Full
70
-
-
70
-
-
kV/V
Common Mode Rejection Ratio
(Note 6)
Full
80
100
-
74
100
-
dB
Minimum Stable Gain
25
5
-
-
5
-
-
V/V
Gain Bandwidth Product
(Notes 4, 7, 8)
25
-
100
-
-
100
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 4)
Full
±10
±12
-
±10
±12
-
V
Output Current (Note 5)
25
±15
±22
-
±10
±18
-
mA
Full Power Bandwidth
(Notes 4, 5, 9, 13)
25
400
600
-
320
600
-
kHz
HA-2620, HA-2625


Similar Part No. - HA-2625

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2625 INTERSIL-HA-2625 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
logo
Harris Corporation
HA-2625 HARRIS-HA-2625 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
More results

Similar Description - HA-2625

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
   Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com