Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA-2600 Datasheet(PDF) 7 Page - Intersil Corporation

Part No. HA-2600
Description  12MHz, High Input Impedance Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-2600 Datasheet(HTML) 7 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN2902.7
January 16, 2006
FIGURE 17. COMMON MODE REJECTION RATIO vs
FREQUENCY
FIGURE 18. NOISE DENSITY vs FREQUENCY
Typical Performance Curves VS = ±15V, TA = 25°C, Unless Otherwise Specified (Continued)
120
100
80
60
40
20
0
FREQUENCY
100Hz
1kHz
10kHz
100kHz
1MHz
INPUT NOISE CURRENT
INPUT NOISE VOLTAGE
1000
100
10
1
1
10
100
1K
10K
100K
0.01
0.1
1
10
FREQUENCY (Hz)
HA-2600


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn