Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA-2600 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HA-2600
Description  12MHz, High Input Impedance Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-2600 Datasheet(HTML) 6 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN2902.7
January 16, 2006
FIGURE 13. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 14. OPEN LOOP FREQUENCY RESPONSE FOR
VARIOUS VALUES OF CAPACITORS FROM
COMPENSATION PIN TO GROUND
FIGURE 15. COMMON MODE VOLTAGE RANGE vs SUPPLY
VOLTAGE
FIGURE 16. OPEN LOOP VOLTAGE GAIN vs TEMPERATURE
Typical Performance Curves VS = ±15V, TA = 25°C, Unless Otherwise Specified (Continued)
10kHz
FREQUENCY
100kHz
1MHz
10MHz
100MHz
±20V SUPPLY
±15V SUPPLY
±10V SUPPLY
20
10
1
0.1
0.01
±5V SUPPLY
120
0
100Hz
10kHz
1MHz
10MHz
100
80
60
40
20
-20
10Hz
100kHz
1kHz
100pF
1000pF
0pF
30pF
10pF
300pF
FREQUENCY (Hz)
1. External compensation components are not required for stability,
but may be added to reduce bandwidth if desired. If External
Compensation is used, also connect 100pF capacitor from output
to ground.
20
15
10
5
5
101520
SUPPLY VOLTAGE (
±V)
-55°C TO 125°C
TEMPERATURE (°C)
120
100
80
-55
-35
-15
5
25
45
65
85
105
125
±20V SUPPLY
±15V SUPPLY
±10V SUPPLY
±5V SUPPLY
HA-2600


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn