Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555IBAT Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICM7555IBAT
Description  General Purpose Timers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7555IBAT Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICM7555IBAT Datasheet HTML 2Page - Intersil Corporation ICM7555IBAT Datasheet HTML 3Page - Intersil Corporation ICM7555IBAT Datasheet HTML 4Page - Intersil Corporation ICM7555IBAT Datasheet HTML 5Page - Intersil Corporation ICM7555IBAT Datasheet HTML 6Page - Intersil Corporation ICM7555IBAT Datasheet HTML 7Page - Intersil Corporation ICM7555IBAT Datasheet HTML 8Page - Intersil Corporation ICM7555IBAT Datasheet HTML 9Page - Intersil Corporation ICM7555IBAT Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN2867.9
August 24, 2006
OUTPUT DRIVE CAPABILITY
The output driver consists of a CMOS inverter capable of
driving most logic families including CMOS and TTL. As
such, if driving CMOS, the output swing at all supply
voltages will equal the supply voltage. At a supply voltage of
4.5V or more, the ICM7555 and ICM7556 will drive at least
two standard TTL loads.
ASTABLE OPERATION
The circuit can be connected to trigger itself and free run as
a multivibrator, see Figure 2A. The output swings from rail to
rail, and is a true 50% duty cycle square wave. (Trip points
and output swings are symmetrical.) Less than a 1%
frequency variation is observed over a voltage range of +5V
to +15V.
The timer can also be connected as shown in Figure 2B. In this
circuit, the frequency is:
The duty cycle is controlled by the values of RA and RB, by the
equation:
MONOSTABLE OPERATION
In this mode of operation, the timer functions as a one-shot.
See Figure 3. Initially the external capacitor (C) is held
discharged by a transistor inside the timer. Upon application of
a negative TRIGGER pulse to pin 2, the internal flip-flop is set
which releases the short circuit across the external capacitor
and drives the OUTPUT high. The voltage across the capacitor
now increases exponentially with a time constant t = RAC.
When the voltage across the capacitor equals 2/3 V+, the
comparator resets the flip-flop, which in turn discharges the
capacitor rapidly and also drives the OUTPUT to its low state.
TRIGGER must return to a high state before the OUTPUT can
return to a low state.
CONTROL VOLTAGE
The CONTROL VOLTAGE terminal permits the two trip
voltages for the THRESHOLD and TRIGGER internal
comparators to be controlled. This provides the possibility of
oscillation frequency modulation in the astable mode or even
inhibition of oscillation, depending on the applied voltage. In
the monostable mode, delay times can be changed by
varying the applied voltage to the CONTROL VOLTAGE pin.
RESET
The RESET terminal is designed to have essentially the
same trip voltage as the standard bipolar 555/6, i.e., 0.6V to
0.7V. At all supply voltages it represents an extremely high
input impedance. The mode of operation of the RESET
function is, however, much improved over the standard
bipolar NE/SE 555/6 in that it controls only the internal flip-
flop, which in turn controls simultaneously the state of the
OUTPUT and DISCHARGE pins. This avoids the multiple
threshold problems sometimes encountered with slow falling
edges in the bipolar devices.
OUTPUT
1
2
3
4
8
7
6
5
VDD
OPTIONAL
CAPACITOR
C
VDD
RA
RB
FIGURE 2B. ALTERNATE ASTABLE CONFIGURATION
f
1
1.4 RC
------------------
=
(EQ. 1)
f1.44 RA 2RB
+
()
C
=
(EQ. 2)
DRA RB
+
() RA 2RB
+
()
=
(EQ. 3)
TRIGGER
OUTPUT
RESET
1
2
3
4
8
7
6
5
VDD
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
OPTIONAL
CAPACITOR
C
VDD ≤18V
RA
ICM7555
tOUTPUT = -ln (1/3) RAC = 1.1RAC
FIGURE 3. MONOSTABLE OPERATION
ICM7555, ICM7556


Similar Part No. - ICM7555IBAT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7555IBAT INTERSIL-ICM7555IBAT Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
More results

Similar Description - ICM7555IBAT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
   general-purpose timers
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com