Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3702 Datasheet(PDF) 16 Page - Texas Instruments

Part # TRF3702
Description  1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3702 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TRF3702_07 Datasheet HTML 12Page - Texas Instruments TRF3702_07 Datasheet HTML 13Page - Texas Instruments TRF3702_07 Datasheet HTML 14Page - Texas Instruments TRF3702_07 Datasheet HTML 15Page - Texas Instruments TRF3702_07 Datasheet HTML 16Page - Texas Instruments TRF3702_07 Datasheet HTML 17Page - Texas Instruments TRF3702_07 Datasheet HTML 18Page - Texas Instruments TRF3702_07 Datasheet HTML 19Page - Texas Instruments TRF3702_07 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
www.ti.com
fLO − Frequency − MHz
−5
−4
−3
−2
−1
0
1
2
3
4
5
1700
1800
1900
2000
2100
2200
2300
G022
–40
°C
25
°C
85
°C
VCM − V
−5
−4
−3
−2
−1
0
1
2
3
4
5
3.0
3.5
4.0
4.5
5.0
fLO = 1960 MHz
G027
–40
°C
25
°C
85
°C
PLO − Local Oscillator Input Power − dBm
−5
−4
−3
−2
−1
0
1
2
3
4
5
−12
−9
−6
−3
0
3
6
9
12
fLO = 1960 MHz
G038
–40
°C
25
°C
85
°C
VCC − Supply Voltage − V
−5
−4
−3
−2
−1
0
1
2
3
4
5
4.4
4.6
4.8
5.0
5.2
5.4
5.6
fLO = 1842 MHz
G009
25
°C
–40
°C
85
°C
TRF3702
SLWS149A – SEPTEMBER 2004 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
OUTPUT POWER FLATNESS
OUTPUT POWER FLATNESS
vs
vs
FREQUENCY (POUT = 0, –10 dBm NOMINAL)
VCM (POUT = 0 dBm NOMINAL)
Figure 34.
Figure 35.
OUTPUT POWER FLATNESS
OUTPUT POWER FLATNESS
vs
vs
LO INPUT POWER (POUT = 0 dBm NOMINAL)
SUPPLY VOLTAGE (POUT = 0 dBm NOMINAL)
Figure 36.
Figure 37.
16
Submit Documentation Feedback


Similar Part No. - TRF3702_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702IRHC TI-TRF3702IRHC Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHC TI-TRF3702IRHC Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHCG4 TI-TRF3702IRHCG4 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHCR TI-TRF3702IRHCR Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHCR TI-TRF3702IRHCR Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3702_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com