Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRF3701 Datasheet(PDF) 3 Page - Texas Instruments

Part No. TRF3701
Description  0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TRF3701 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TRF3701
SLWS145D – FEBRUARY 2003 – REVISED AUGUST 2006
over operating free-air temperature range (unless otherwise noted)(1)(2)
VCC
Supply voltage range
–0.5 V to 6 V
LO input power level
10 dBm
Baseband input voltage level (single-ended)
3 Vp-p
TA
Operating free-air temperature range
–40°C to 85°C
Lead temperature for 10 seconds
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to ground
MIN
NOM
MAX
UNIT
Supplies and References
VCC
Analog supply voltage
4.5
5
5.5
V
VCM (IVIN, QVIN, IREF, QREF input common-mode dc voltage)
3.7
V
Local Oscillator Input (LO)
Input frequency
140
1500
MHz
Power level (measured into 50
Ω)
–6
0
6
dBm
Signal Inputs (IVIN, QVIN)
Input bandwidth
700
MHz
VIL
0
1.2
PWD Operation
V
VIH
3.7
5
Over recommended operating conditions, VCC = 5 V, VCM = 3.7 V, f
LO = 942.5 MHz at 0 dBm, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
V(PWD) = 5 V
145
ICC
Total supply current
mA
V(PWD) = 0 V
13
Power-down input impedance
11
k
Turnon time
120
ns
Turnoff time
20
ns
Local Oscillator (LO) Input
Input impedance
40 + j4.8
Signal Inputs (IVIN, QVIN, IREF, QREF)
Input bias current
V(IVIN) = V(IREF) = V(QVIN) = V(QREF) = VCM = 3.7 V
16
µA
Single-ended input
250
Input impedance
k
Differential input
125
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn